Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 278 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 278 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 274Page - STMicroelectronics STM32H742AI Datasheet HTML 275Page - STMicroelectronics STM32H742AI Datasheet HTML 276Page - STMicroelectronics STM32H742AI Datasheet HTML 277Page - STMicroelectronics STM32H742AI Datasheet HTML 278Page - STMicroelectronics STM32H742AI Datasheet HTML 279Page - STMicroelectronics STM32H742AI Datasheet HTML 280Page - STMicroelectronics STM32H742AI Datasheet HTML 281Page - STMicroelectronics STM32H742AI Datasheet HTML 282Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
278/357
DS12110 Rev 10
tLATR
Trigger
conversion
latency regular
and injected
channels without
conversion abort
CKMODE = 00
-
-
1.5
2
2.5
1/fADC
CKMODE = 01
-
-
-
-
2.5
CKMODE = 10
-
-
-
-
2.5
CKMODE = 11
-
-
-
-
2.25
tLATRINJ
Trigger
conversion
latency regular
injected channels
aborting a regular
conversion
CKMODE = 00
-
-
2.5
3
3.5
1/fADC
CKMODE = 01
-
-
-
-
3.5
CKMODE = 10
-
-
-
-
3.5
CKMODE = 11
-
-
-
-
3.25
tS
Sampling time
-
-
-
1.5
-
810.5
1/fADC
tCONV
Total conversion
time (including
sampling time)
Resolution = N bits
-
-
ts + 0.5
+ N/2
--
1/fADC
Table 184. ADC characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com