Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 279 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 279 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 275Page - STMicroelectronics STM32H742AI Datasheet HTML 276Page - STMicroelectronics STM32H742AI Datasheet HTML 277Page - STMicroelectronics STM32H742AI Datasheet HTML 278Page - STMicroelectronics STM32H742AI Datasheet HTML 279Page - STMicroelectronics STM32H742AI Datasheet HTML 280Page - STMicroelectronics STM32H742AI Datasheet HTML 281Page - STMicroelectronics STM32H742AI Datasheet HTML 282Page - STMicroelectronics STM32H742AI Datasheet HTML 283Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 357 page
background image
DS12110 Rev 10
279/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
IDDA_D
(ADC)
ADC consumption
on VDDA,
BOOST=11,
Differential mode
Resolution = 16 bits, fADC=25 MHz
-
-
-
1440
-
µA
Resolution = 14 bits, fADC=30 MHz
-
-
-
1350
-
Resolution = 12 bits, fADC=40 MHz
-
-
-
990
-
ADC consumption
on VDDA
BOOST=10,
Differential mode
fADC=25 MHz
Resolution = 16 bits
-
-
-
1080
-
Resolution = 14 bits
-
-
-
810
-
Resolution = 12 bits
-
-
-
585
-
ADC consumption
on VDDA
BOOST=01,
Differential mode
fADC=12.5 MHz
Resolution = 16 bits
-
-
-
630
-
Resolution = 14 bits
-
-
-
432
-
Resolution = 12 bits
-
-
-
315
-
ADC consumption
on VDDA
BOOST=00,
Differential mode
fADC=6.25 MHz
Resolution = 16 bits
-
-
-
360
-
Resolution = 14 bits
-
-
-
270
-
Resolution = 12 bits
-
-
-
225
-
IDDA_SE(
ADC)
ADC consumption
on VDDA
BOOST=11,
Single-ended
mode
Resolution = 16 bits, fADC=25 MHz
-
-
-
720
-
Resolution = 14 bits, fADC=30 MHz
-
-
-
675
-
Resolution = 12 bits, fADC=40 MHz
-
-
-
495
-
ADC consumption
on VDDA
BOOST=10,
Singl-ended mode
fADC=25 MHz
Resolution = 16 bits
-
-
-
540
-
Resolution = 14 bits
-
-
-
405
-
Resolution = 12 bits
-
-
-
292.5
-
ADC consumption
on VDDA
BOOST=01,
Single-ended
mode
fADC=12.5 MHz
Resolution = 16 bits
-
-
-
315
-
Resolution = 14 bits
-
-
-
216
-
Resolution = 12 bits
-
-
-
157.5
-
ADC consumption
on VDDA
BOOST=00,
Single-ended
mode
fADC=6.25 MHz
Resolution = 16 bits
-
-
-
180
-
Resolution = 14 bits
-
-
-
135
-
Resolution = 12 bits
-
-
-
112.5
-
IDD
(ADC)
ADC consumption
on VDD
fADC=50 MHz
-
-
-
400
-
fADC=25 MHz
-
-
-
220
-
fADC=12.5 MHz
-
-
-
180
-
fADC=6.25 MHz
-
-
-
120
-
fADC=3.125 MHz
-
-
-
80
-
1. Guaranteed by design.
2. The voltage booster on ADC switches must be used for VDDA < 2.4 V (embedded I/O switches).
3. These values are valid for UFBGA169 and one ADC. Refer to Getting started with the STM32H7 Series MCU 16-bit ADC
(AN5354) for values of other packages and multiple ADCs operation.
4. Direct channels are connected to analog I/Os (PA0_C, PA1_C, PC2_C and PC3_C) to optimize ADC performance.
5. Depending on the package, VREF+ can be internally connected to VDDA and VREF- to VSSA.
6. The tolerance is 10 LSBs for 16-bit resolution, 4 LSBs for 14-bit resolution, and 2 LSBs for 12-bit, 10-bit and 8-bit resolutions.
Table 184. ADC characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com