Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 352 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 352 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 348Page - STMicroelectronics STM32H742AI Datasheet HTML 349Page - STMicroelectronics STM32H742AI Datasheet HTML 350Page - STMicroelectronics STM32H742AI Datasheet HTML 351Page - STMicroelectronics STM32H742AI Datasheet HTML 352Page - STMicroelectronics STM32H742AI Datasheet HTML 353Page - STMicroelectronics STM32H742AI Datasheet HTML 354Page - STMicroelectronics STM32H742AI Datasheet HTML 355Page - STMicroelectronics STM32H742AI Datasheet HTML 356Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 357 page
background image
Revision history
STM32H742xI/G STM32H743xI/G
352/357
DS12110 Rev 10
13-Jul-2018
5
Added description of power-up and power-down phases in Section 3.5.1: Power supply
scheme.
Removed ETH_TX_ER from Table 9: Pin/ball definition and Table 10: Port A alternate
functions to Table 20: Port K alternate functions.
Added note related to decoupling capacitor tolerance below Figure 15: Power supply
scheme. Added note 2. related to CEXT in Table 25: VCAP operating conditions.
Updated Table 46: HSI48 oscillator characteristics, Table 47: HSI oscillator
characteristics and Table 48: CSI oscillator characteristics. Renamed Table 50 into “PLL
characteristics (wide VCO frequency range)” and updated note 2.. Added Table 51: PLL
characteristics (medium VCO frequency range).
Updated Tcoeff in Table 91: VREFBUF characteristics and tS_vbat in Table 94: VBAT
monitoring characteristics. Updated Table 99: OPAMP characteristics.
05-Apr-2019
6
Added STM32H743xG part numbers corresponding to 1 Mbyte of flash memory as well
as STM32H742xI/G part numbers.
Changed maximum Arm Core-M7 frequency to 480 MHz.
Features:
– Changed operational amplifier bandwidth to 7.3 MHz
– Updated high-resolution timer to 2.1 ns
– Updated low-power consumption feature.
– Updated Figure 2: STM32H743xI/G block diagram.
Updated voltage scaling in Section 3.5.1: Power supply scheme. Added VOS0 in
Section 3.5.3: Voltage regulator. Updated HSE clock in Section 3.7.1: Clock
management.
Changed FMC NOR/NAND maximum clock frequency to 100 MHz in Features and
Synchronous waveforms and timings.
Added note related to VDDLDO in Table 9: Pin/ball definition.
Updated Section 6: Electrical characteristics (rev Y):
– Added note 2. related to CEXT in Table 25: VCAP operating conditions.
– Updated fHSI48 in Table 46: HSI48 oscillator characteristics.
– Updated tstab in Table 47: HSI oscillator characteristics.
– Updated Table 60: I/O static characteristics and Figure 22: VIL/VIH for all I/Os except
BOOT0.
– Added Table 62: Output voltage characteristics for PC13, PC14, PC15 and PI8.
– Added note related to PC13, PC14, PC15 an PI8 limited frequency in Table 63: Output
timing characteristics (HSLV OFF).
– Updated note 2 below Figure 23: Recommended NRST pin protection.
– Table 87: ADC characteristics: updated fS and added note related to fS formula;
updated tCAL.
– Renamed Section 6.3.24 into Temperature and VBAT monitoring and content
updated.
– Updated fDFSDMCLK in Table 100: DFSDM measured timing - 1.62-3.6 V.
Added Section 7: Electrical characteristics (rev V).
Updated paragraph introducing all package marking schematics to add the new
sentence “The printed markings may differ depending on the supply chain”. Updated
Table 230: Thermal characteristics. Added note related to ECOPACK®2 compliance in
Section 9: Ordering information.
Table 231. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com