Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 353 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 353 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 349Page - STMicroelectronics STM32H742AI Datasheet HTML 350Page - STMicroelectronics STM32H742AI Datasheet HTML 351Page - STMicroelectronics STM32H742AI Datasheet HTML 352Page - STMicroelectronics STM32H742AI Datasheet HTML 353Page - STMicroelectronics STM32H742AI Datasheet HTML 354Page - STMicroelectronics STM32H742AI Datasheet HTML 355Page - STMicroelectronics STM32H742AI Datasheet HTML 356Page - STMicroelectronics STM32H742AI Datasheet HTML 357Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 353 / 357 page
background image
DS12110 Rev 10
353/357
STM32H742xI/G STM32H743xI/G
Revision history
356
24-Apr-2019
7
Updated Figure 1: STM32H742xI/G block diagram
Updated Figure 2: STM32H743xI/G block diagram
Updated Table 9: Pin/ball definition.
Updated Table 10 to Table 20 (alternate functions).
Updated Table 39: Peripheral current consumption in Run mode.
Updated Table 137: Peripheral current consumption in Run mode.
Updated Table 184: ADC characteristics.
Updated Table 185: Minimum sampling time vs RAIN.
Updated Table 186: ADC accuracy.
02-Mar-2021
8
Added reference to errata sheet ES0392 in Section 1: Introduction.
Added connection between SDMMC2 and D2-to-D3 AHB bus in Figure 4:
STM32H743xI/G bus matrix.
Updated Section 3.27: True random number generator (RNG).
Added Full-duplex mode in Section 3.33: Serial peripheral interfaces (SPI)/integrated
interchip sound interfaces (I2S).
In Table 2: STM32H742xI/G and STM32H743xI/G features and peripheral counts, split
number of ADC channels into Direct, Fast and Slow channels; and added number of
wakeup and tamper pins.
Updated J1 and F2 signals in Figure 12: TFBGA240+25 ballout
Section 6: Electrical characteristics (rev Y):
– Updated Section 6.2: Absolute maximum ratings introduction to device mission
profile.
– Added a 1 μF capacitor between VDD33USB and ground in Figure 15: Power supply
scheme.
– Power dissipation (PD) removed from Table 24: General operating conditions since
this parameter is redundant with
ΘJA thermal resistance.
– Table 53: Flash memory programming: removed reference to single bank
configuration in title and added tERASE128KB typical and maximum values.
– Added reference to AN4899 in Section 6.3.15: I/O port characteristics. Updated notes
in Table 64: Output timing characteristics (HSLV ON).
– Updated tsu(DV-CLKH)/th(DV-CLKH) and tsu(NWAIT-CLKH)/th(NWAIT-CLKH) in Table 74:
Synchronous multiplexed NOR/PSRAM read timings. Changed t(NWAIT-CLKH) to
tsu(NWAIT-CLKH) and updated tsu(DV-CLKH)/th(DV-CLKH) and tsu(NWAIT-CLKH)/th(NWAIT-CLKH)
in Table 76: Synchronous non-multiplexed NOR/PSRAM read timings. Updated
tsu(SDCLKH _Data) and th(SDCLKH _Data) in Table 80: SDRAM read timings and Table 81:
LPSDR SDRAM read timings.
– Updated ts(IN) and th(IN) in Table 84: QUADSPI characteristics in SDR mode and
tsr(IN)/tsf(IN) and thr(IN)/thf(IN) in Table 85: QUADSPI characteristics in DDR mode.
– Updated maximum sampling time (tS) value in Table 87: ADC characteristics.
Specified that Figure 40: ADC accuracy characteristics is an example for 12-bit
resolution.
– Updated DuCyCKOUT in Table 100: DFSDM measured timing - 1.62-3.6 V.
– Updated tsu(MI) and th(MI) minimum values in Table 106: SPI dynamic characteristics.
– Updated tISU, tIH, tISUDand tIHD in Table 110: Dynamic characteristics: SD / MMC
characteristics, VDD = 2.7 to 3.6 V
– Updated tISU, tIH in Table 111: Dynamic characteristics: eMMC characteristics,
VDD = 1.71 to 1.9 V.
– Updated DuCyCKOUT in Table 100: DFSDM measured timing - 1.62-3.6 V.
Table 231. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com