Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 129 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 129 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 125Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 126Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 127Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 128Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 129Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 130Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 131Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 132Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 133Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 168 page
background image
Chapter 6 TX4955A System Interface
6-57
EOD
Data
Hi-Z
Hi-Z
Hi-Z
Addr
Read
8
611
10
9
7
5
4
3
2
1
SysAD(31:0)
SCycle
SClock
SysCmd(4:0)
EValid*
PValid*
EOK*
EReq*
PMaster*
12
Data
Addr
Hi-Z
Hi-Z
Hi-Z
Figure 6.3.31 Discarding and Re-executing Processor Single Read Request
6.3.17
Multiple Drivers on the SysAD Bus
In most applications, the SysAD bus is a point-to-point connection between the processor
and a bidirectional, registered transceiver located in an external agent. In this application,
the SysAD bus has two possible drivers: the processor and the external agent.
However, an application may add additional drivers and receivers to the SysAD bus,
allowing transmissions over the SysAD bus that bypass the processor. To accomplish this,
the external agent(s) must coordinate its use of the SysAD bus by using arbitration
handshake signals such as EReq
EReq
EReq
EReq* and PMaster
PMaster
PMaster
PMaster*.
To implement an independent transmission on the SysAD bus that does not involve the
processor, the system executes the following sequence of actions:
1. The external agent(s) requests the SysAD bus by asserting EReq
EReq
EReq
EReq*.
2. The processor releases the System interface to slave state.
3. The external agent(s) allows independent transmission over the SysAD bus,
making certain the EValid
EValid
EValid
EValid* input to the processor is not asserted while the
transmission occurs.
4. When the transmission is complete, the external agent(s) deasserts EReq
EReq
EReq
EReq* to
return the system interface to master state.
To implement multiple drivers, separate Valid
Valid
Valid
Valid lines are required for non-processor chips
to communicate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com