Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 133 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 133 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 129Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 130Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 131Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 132Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 133Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 134Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 135Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 136Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 137Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 168 page
background image
Chapter 6 TX4955A System Interface
6-61
6.3.21
Read Time Out Counter (MODE43* = 0)
This counter is used to detect time-out when data is not returned during read.
The counter normally is set by loading the G2SConfig register’s TOutVal as its
initial value. When one of the conditions below is met, the counter counts down
one every bus cycle and upon reaching the terminal count of 0, generates a time-out
signal and asserts a bus error signal for one cycle before entering an idle state. If none of
the following conditions is met, the value of TOutVal is reloaded into the counter.
• TOutEnable = 1
• Waiting for data
Note1: For TX4955A, Read Time Out Counter does not work when MODE43* = 1.
When the Read Time Out Counter functions is used, the value of the more than which
added 24 the twice of the wait cycle of the main memory must be set to the TOutVal field.
Note2: Read Time Out Error occurs by writing 0x0 into TOutVal while Read Time Out Counter is
disable.
So TOutVal must be set except for 0x0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com