Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 130 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 130 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 126Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 127Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 128Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 129Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 130Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 131Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 132Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 133Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 134Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 168 page
background image
Chapter 6 TX4955A System Interface
6-58
6.3.18
Signal Codes
System interface commands and data identifiers are encoded in five bits on the SysCmd
bus and transmitted between the processor and external agent during address and data
cycles.
•
When SysCmd (4)
SysCmd (4)
SysCmd (4)
SysCmd (4) is a 0, the current cycle is an address cycle and SysCmd (3:0)
SysCmd (3:0)
SysCmd (3:0)
SysCmd (3:0)
contains a command.
•
When SysCmd (4)
SysCmd (4)
SysCmd (4)
SysCmd (4) is a 1, the current cycle is a data cycle and SysCmd (3:0)
SysCmd (3:0)
SysCmd (3:0)
SysCmd (3:0)
identifies data.
For commands and data identifiers associated with external requests, all bits and fields
have a value or a suggested value.
For System interface commands and data identifiers associated with processor requests,
reserved bits and reserved fields in the command or data identifier are undefined, except
where noted.
For all System interface commands, the SysCmd bus specifies the system interface
request type. The encoding of SysCmd (4)
SysCmd (4)
SysCmd (4)
SysCmd (4) for system interface commands is Table 6.3.3.
Table 6.3.3 Encoding of System Interface Commands in SysCmd (4)
SysCmd(4)
Command
0
Address Cycle
1
Data Cycle
For address requests, the remainder of the SysCmd bus specifies the attributes of the
address request, as follows:
•
SysCmd (3)
SysCmd (3)
SysCmd (3)
SysCmd (3) encodes the address request type.
•
SysCmd (2:0)
SysCmd (2:0)
SysCmd (2:0)
SysCmd (2:0) indicates the size of the address requests.
The encoding of SysCmd (3:2) for address requests is shown in Table 6.3.4.
Table 6.3.4 Encoding of SysCmd(3) and SysCmd(2) for Address Cycle
SysCmd (3)
Command
SysCmd (2) Request Size
0
Read Request
0
Single data
1
Write Request
1
Block data
Note:TX4955A support only External Single data write request.
The encoding of SysCmd (1:0)
SysCmd (1:0)
SysCmd (1:0)
SysCmd (1:0) for block or single address requests is shown in Table 6.3.5
and 6.3.6, respectively.
Table 6.3.5 Encoding of SysCmd (1:0) for Block Address Requests
SysCmd (1:0)
Block Size
0
Reserved.
1
Four words(only Data cache).
2
Eight worde.
3
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com