Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 131 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 131 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 127Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 128Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 129Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 130Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 131Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 132Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 133Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 134Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 135Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 168 page
background image
Chapter 6 TX4955A System Interface
6-59
Table 6.3.6 Encoding of SysCmd (1:0) for Single Address Requests
SysCmd (1:0)
Data size.
0
One byte valid (byte)
1
Two bytes valid (halfword).
2
Three bytes valid (tribyte).
3
Four bytes valid (single word)
The encoding of SysCmd (3:0) for processor data identifiers is described in Table 6.3.7.
The encoding of SysCmd (3:0) for external data identifiers is illustrated in Table 6.3.8.
Table 6.3.7 Encoding of SysCmd(3:0) for Processor Data Identifiers
SysCmd (3)
Last Data Element Indication
0
Last data element
1
Not the last data element
SysCmd (2)
Reserved
SysCmd (1)
Reserved for: Good Data Indication
Processor drives 0
(Data is error free)
SysCmd (0)
Reserved for: Data Checking Enable
Processor drives 1
(Disable data checking)
Table 6.3.8 Encoding of SysCmd(3:0) for External Data Identifiers
SysCmd (3)
Last Data Element Indication
0
Last data element
1
Not the last data element
SysCmd (2)
Response Data Indication
0
Data is response data
1
Data is not response data
SysCmd (1)
Reserved for: Good Data Indication
0
Data is error free
1
Data is erroneous
SysCmd (0)
Reserved for: Data Checking Enable
Processor ignores this field (Suggested drive of 1,
disable data checking)
Note: External read requests for processor resources are not supported in the TX4955A processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com