Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 310 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 310 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 306Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 307Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 308Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 309Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 310Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 311Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 312Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 313Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 314Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 590 page
background image
Chapter 10 PCI Controller
10-48
10.4.22 PCI Bus Arbiter Request Port Register (PBAREQPORT) 0xD100
This register sets the correlation between each PCI Bus request source (PCI Controller and
REQ[3:0]) and each Internal PCI Bus Arbiter Request port (Master A - D, W - Z) (see Figure 10.3.9).
When changing these settings, each of the eight field values must always be set to different values.
After changing this register, the Broken Master Register (BM) value becomes invalid since the bit
mapping changes.
This register is only valid when using the on-chip PCI Bus Arbiter.
31
30
28
27
26
24
23
22
20
19
18
16
Reserved
ReqAP
Reserved
ReqBP
Reserved
ReqCP
Reserved
ReqDP
R/W
R/W
R/W
R/W
: Type
111
110
101
100
: Initial value
15
14
12
11
10
8
7
6
4
3
2
0
Reserved
ReqWP
Reserved
ReqXP
Reserved
ReqYP
Reserved
ReqZP
R/WR/W
R/WR/W
: Type
011
010
001
000
: Initial value
Bits
Mnemonic
Field Name
Description
31
Reserved
30:28
ReqAP
Request A Port
Request A Port (Initial value: 111, R/W)
Sets the PCI Bus Master that connects to the Internal PCI Bus Arbiter Request A Port
(Master A).
111: Makes the PCI Controller Master A.
110: Reserved
101: Reserved
100: Reserved
011: Makes REQ*[3] Master A.
010: Makes REQ*[2] Master A.
001: Makes REQ*[1] Master A.
000: Makes REQ*[0] Master A.
27
Reserved
26:24
ReqBP
Request B Port
Request B Port (Initial value: 110, R/W)
Sets the PCI Bus Master that connects to the Internal PCI Bus Arbiter Request B Port
(Master B).
111: Makes the PCI Controller Master B.
110: Reserved
101: Reserved
100: Reserved
011: Makes REQ*[3] Master B.
010: Makes REQ*[2] Master B.
001: Makes REQ*[1] Master B.
000: Makes REQ*[0] Master B.
23
Reserved
22:20
ReqCP
Request C Port
Request C Port (Initial value: 101, R/W)
Sets the PCI Bus Master that connects to the Internal PCI Bus Arbiter Request C Port
(Master C).
111: Makes the PCI Controller Master C.
110: Reserved
101: Reserved
100: Reserved
011: Makes REQ*[3] Master C.
010: Makes REQ*[2] Master C.
001: Makes REQ*[1] Master C.
000: Makes REQ*[0] Master C.
19
Reserved
Figure 10.4.22 PCI Bus Arbiter Request Port Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com