Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 312 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 312 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 308Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 309Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 310Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 311Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 312Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 313Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 314Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 315Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 316Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 590 page
background image
Chapter 10 PCI Controller
10-50
10.4.23 PCI Bus Arbiter Configuration Register (PBACFG)
0xD104
This register is only valid when using the on-chip PCI Bus Arbiter.
31
16
Reserved
: Type
: Initial value
15
4
321
0
Reserved
FIXPA RPBA PBAEN BMCEN
R/W
R/W
R/W
R/W
: Type
0
0
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:4
Reserved
3FIXPA
Fixed Park
Master
Fixed Park Master (Initial value: 0, R/W)
Selects the method for determining the Park Master.
0: The last Bus Master becomes the Park Master.
1: Internal PCI Bus Arbiter Request Port A is the Park Master.
2
RPBA
Reset PCI Bus
Arbiter
Reset PCI Bus Arbiter (Initial value: 0, R/W)
Resets the PCI Bus Arbiter. However, the PCI Bus Arbiter Register settings are
saved. Please use the software to clear this bit.
1: The PCI Bus Arbiter is currently being reset.
0: The PCI Bus Arbiter is not currently being reset.
1
PBAEN
PCI Bus Arbiter
Enable
PCI Bus Arbiter Enable (Initial value: 0, R/W)
This is the Bus Arbiter Enable bit. After Reset, External PCI Bus requests to the PCI
Arbiter cannot be accepted until this bit is set to “1”. The PCI Controller is the default
Parking Master after Reset.
1: Enables the PCI Bus Arbiter.
0: Disables the PCI Bus Arbiter.
0
BMCEN
Broken Master
Check Enable
Broken Master Check Enable (Initial value: 0, R/W)
Controls Broken Master detection.
1: Enables the Broken PCI Bus Master check.
0: Disables the Broken PCI Bus Master check.
Figure 10.4.23 PCI Bus Arbiter Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com