Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 166 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 166 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 162Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 163Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 164Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 165Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 166Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 167Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 168Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 169Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 170Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 555 page
background image
www.national.com
166
Revision 0.8
PMC Functional Description (Continued)
4.17.5 PMC Power Management Events
A large number of inputs to the PMC are used to monitor
and create system power managements events. Some of
these inputs apply the Working state machine while the
remainder apply to the Standby state machine.
4.17.5.1 PM Sleep Events
• Sleep:
— Sleep sequence initiated by software
• Wakeup:
— Assertion of the Sleep Button (SLEEP_BUT)
— Assertion of the Power Button (PWR_BUT#)
—RTC alarm
— Working power domain PMEs
— Standby power domain PMEs
4.17.5.2 PM Standby Events
• Standby:
— Sleep sequence initiated by software
— LVD detection of low voltage on VCORE (system fault)
— Assertion of the Power Button for 4 seconds
(PWR_BUT#, system fault)
— Thermal Alarm (THRM_ALRM#, system fault)
— Low battery (LOW_BAT#, system fault)
— Hardware reset (system restart)
— Software initiated reset (system restart)
—
Shutdown initiated reset, CPU triple fault (system
restart)
— Watchdog initiated reset (system restart)
— GLCP software initiated reset (system restart)
— Bad packet type reset (system restart)
— Reset Standby state machine RESET_STAND#
(Standby)
• Wakeup:
— Assertion of the Power Button (PWR_BUT#)
—RTC Alarm
— Standby power domain PMEs
Table 4-35 provides a complete list of the power manage-
ment inputs and describes their function. The system can
only be in one of three states: Working, Sleep, or Standby.
The activity of the inputs is to move the system from one
state to another.
Table 4-35. PM Events and Functions
Event
Current
State
Function
The following events are Sleep and/or Standby wakeup events (except for ACPI Timer).
PWR_BTN#
(also serves as a
Standby event)
Working
Sets the status bit (PWRBTN_STS) in PM1_STS (ACPI I/O Offset 00h[8] = 1).
If PWRBTN_EN is enabled (ACPI I/O Offset 02h[8] = 1), an SCI is generated.
Sleep
Sets the status bit (PWRBTN_STS) in PM1_STS (ACPI I/O Offset 00h[8] = 1).
If PWRBTN_EN is enabled (ACPI I/O Offset 02h[8] = 1), SCI generation and wakeup
from this event is enabled (i.e., sets the WAK_STS bit, ACPI I/O Offset 00h[15] = 1).
Standby
Sets the status bit (PWRBTN_STS) in PM1_STS (ACPI I/O Offset 00h[8] = 1).
If PWRBTN_EN is enabled (ACPI I/O Offset 02h[8] = 1), SCI generation and wakeup
from this event is enabled (i.e., sets the WAK_STS bit, ACPI I/O Offset 00h[15] = 1).
SLP_BTN
Working
Sets the status bit (SLPBTN_STS) in PM1_STS (ACPI I/O Offset 00h[9] = 1).
If SLPBTN_EN is enabled (ACPI I/O Offset 02h[9] = 1), an SCI is generated.
Sleep
Sets the status bit (SLPBTN_STS) in PM1_STS (ACPI I/O Offset 00h[9] = 1).
If SLPBTN_EN is enabled (ACPI I/O Offset 02h[9] = 1), SCI generation and wakeup
from this event is enabled (i.e., sets the WAK_STS bit, ACPI I/O Offset 00h[15] = 1).
RTC Alarm
Working
Sets the status bit (RTC_STS) in PM1_STS (ACPI I/O Offset 00h[10] = 1).
If RTC_EN is enabled (ACPI I/O Offset 02h[10] = 1), an SCI is generated.
Sleep
Sets the status bit (RTC_STS) in PM1_STS (ACPI I/O Offset 00h[10] = 1).
If RTC_EN is enabled (ACPI I/O Offset 02h[10] = 1), SCI generation and wakeup
from this event is enabled (i.e., sets the WAK_STS bit, ACPI I/O Offset 00h[15] = 1).
Standby
Sets the status bit (RTC_STS) in PM1_STS (ACPI I/O Offset 00h[10] = 1).
If RTC_EN is enabled (ACPI I/O Offset 02h[10] = 1), SCI generation and wakeup
from this event is enabled (i.e., sets the WAK_STS bit, ACPI I/O Offset 00h[15] = 1).
ACPI Timer
(internal timer)
Working
Sets the status bit (TMR_STS) in PM1_STS (ACPI I/O Offset 00h[0] = 1).
If TMR_EN is enabled (ACPI I/O Offset 02h[0] = 1), an SCI is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com