Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 164 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 164 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 160Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 161Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 162Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 163Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 164Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 165Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 166Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 167Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 168Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 555 page
background image
www.national.com
164
Revision 0.8
PMC Functional Description (Continued)
d) If SLP_CLK_EN# is not enabled, and if at least one of
the following PM_OUT_SLPCTL, SLEEP_X, or SLEEP_Y
registers is enabled, then Sleep wakeup is possible only
after the longest delay of the three. The delays could be
zero.
e)
If
SLP_CLK_EN#
is
not
enabled,
and
the
PM_OUT_SLPCTL, SLEEP_X, or SLEEP_Y registers are
not enabled, then Sleep wakeup is possible immediately.
f) If SLP_CLK_EN# is enabled and the delay associated
with the PM_OUT_SLPCTL register is longer than or equal
to the delay associated with SLP_CLK_EN#, then the
PCI/IDE outputs will not be disabled.
If enabled, the de-assertion of WORKING is assumed to
remove Working power and all clock sources except 32
kHz; that is, the Standby state is entered. In this state, the
PMC, disables its interface to all circuits connected to
Working power and asserts RESET_OUT# before de-
assertion of WORKING. RESET_OUT# remains asserted
throughout Standby.
WORK_AUX is an auxiliary control for the Standby state
with no specific use. It can be de-asserted any time before
or after WORKING.
WORKING and WORK_AUX are independent controls, but
the use of either implies that Standby state is to be entered.
In both cases, the PMC disables all circuits connected to
Working power and asserts reset. However, since they are
independent, one may be left on while the other is de-
asserted.
4.17.3.4 Wakeup Events
If the system has been put to Sleep, only preprogrammed
wakeup events can get the system running again. The
PMC contains the controls that allow the system to respond
to the selected wakeup events.
On wakeup from Sleep (not Standby, but Sleep Wakeup)
(see Figure 4-53 on page 161), the PMC immediately de-
asserts SLP_CLK_EN# to turn system clocks back on. It
also re-enables PCI/IDE outputs to allow output drivers to
return to their operational levels. Next it de-asserts
SLEEP_X and SLEEP_Y based on programmable delays.
Alternate SLEEP_X and SLEEP_Y interactions are shown
as dotted lines. Lastly, the PMC, re-enables PCI/IDE inputs
after a programmable delay and de-asserts Sleep Request.
The GLCP starts any on-chip PLLs and waits for them to
become stable. Then the GLCP de-asserts SUSP# to the
processor. When the processor de-asserts SUSPA#, the
GLCP de-asserts Sleep Acknowledge. The PMC allows the
wakeup event to assert a System Control Interrupt (SCI).
After a wakeup event:
a) PCI/IDE outputs are re-enabled after SLP_CLK_EN# is
de-asserted.
b) PCI/IDE inputs are re-enabled at Sleep wakeup or after
a programmable delay. Generally, PCI/IDE inputs are nor-
mally used with a delay and that delay is longer than any
de-assertion delay associated with SLEEP_X and/or
SLEEP_Y. Re-enabling PCI/IDE inputs is generally not
useful at the beginning of a wakeup sequence.
c) Sleep Request is de-asserted at Sleep wakeup or after a
programmable delay. Sleep Request is kept de-asserted
until the PCI/IDE inputs are re-enabled. Generally, the
enable and delay values in PM_SED (PMS I/O Offset 14h)
and PM_IN_SLPCTL (PMS I/O Offset 20h) should always
be the same.
d) If used, SLEEP_X/SLEEP_Y delay should be set to
occur
between
the
delays
programmed
in
PM_OUT_SLPCTL
(PMS
I/O
Offset
0Ch)
and
PM_IN_SLPCTL (PMS I/O Offset 20h). If the delays for
SLEEP_X/SLEEP_Y are longer than the PM_IN_SLPCTL
delay, then SLEEP_X/SLEEP_Y de-assert at the same
time as the PCI/IDE inputs are re-enabled.
On wakeup from Standby (not Sleep, but Standby Wakeup)
the PMC asserts WORKING and performs a system reset.
RESET_OUT# is de-asserted after a programmable delay
and the normal software start-up sequence begins. How-
ever, early in the sequence, the software checks the PMC
state to determine if waking from Standby (PMS I/O Offset
54h[0]). If yes, then the system state is potentially restored
from non-volatile storage.
If enabled, WORK_AUX may be asserted before or after
RESET_OUT# is de-asserted.
4.17.3.5 Fail-Safe Power Off
The PMC provides the support logic to implement an ACPI
compliant fail-safe power off button. This logic uncondition-
ally de-asserts the WORKING and WORK_AUX signals if
the On/Off button is held down for a programmable delay.
For ACPI compliance, this delay should be set to four sec-
onds.
4.17.3.6 Wake Events Status and SCI
When enabled, a wake event from the general wake events
register (see Section 5.16.4 "GPIO Interrupt and PME Reg-
isters" on page 462) set its status bit and the "WAK_STS"
bit and causes a system control interrupt (SCI). The Sleep
button, RTC alarm, and power button when asserted,
always set their status bit. They set the "WAK_STS" bit and
generate an SCI only when their enable bit is set. When
overflowed, the PM timer sets its status bit. This overflow
condition does not cause a wakeup event but if enabled, it
generates an SCI. The event’s status is cleared by writing a
one to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com