Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 160 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 160 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 156Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 157Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 158Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 159Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 160Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 161Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 162Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 163Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 164Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 555 page
background image
www.national.com
160
Revision 0.8
PMC Functional Description (Continued)
4.17.2.1 ACPI System Power States
•G0/S0: Not Sleeping. Software is executing code or
could be halted waiting for a system event.
•G1/S1: Requires explicit software action to enter this
state. All GX2, CS5535, and main memory states main-
tained. All system clocks may be turned off except 32
kHz or selected additional clocks may be left on as
required. The PMC provides generic controls SLEEP_X
and SLEEP_Y that may be used to control the “D” states
of external system devices (not described in this
datasheet, see ACPI specification for details). Two addi-
tional internal signals control PCI and IDE input and
outputs. A wakeup event brings the system back to the
opcode following the one that initiated entry into S1.
Context restore operation is not required on the GX2,
CS5535, or main memory.
•G1/S3: Save-to-RAM state. Requires explicit software
action to enter this state. The CS5535 and other system
context are lost. System state is saved in the main
memory. To properly support this state, main memory
power must be controlled by WORKING power while the
CS5535, GX2, and all other system components power
must be controlled by WORK_AUX power. Note that this
applies only to the Working domain of the CS5535. The
Standby domain must be continuously supplied from
Standby power.
•G1/S4: Suspend-to-Disk state. Requires explicit soft-
ware action to enter this state. Same as S3 state, but the
system state is “saved” on the hard drive or other mass
storage device. Only Standby power is on while in this
state.
•G2/S5: Requires explicit software action to enter this
state. All system context is lost and not saved. Operating
system re-boot is required. The 32 kHz clock is kept
running for Standby PMC and selected GPIO and
MFGPT circuits.
•G3: Software action is not required to enter this state.
Working power and Standby power are removed. The
only domain that may be powered is the RTC. It is not a
requirement that the RTC be powered.
4.17.2.2 CPU Power States
• G0/S0/C0: Processor actively executing instructions and
clock running. Cache snoops supported.
• G0/S0/C1: HLT instruction executed. Usually occurs in
the Operating System’s idle loop. Operating System
waiting for Power Management Event (PME), interrupt,
or ASMI. Cache snoops are supported while in this
state, so bus mastering activity can safely occur.
•G1/S1/C2: Processor is in the lowest power state that
maintains context in a software invisible fashion. Entered
as part of the S1 sequence. The SUSP#/SUSPA#
signaling protocol indicates entry. SUSP# is not an
explicit external signal, it is part of the CIS packet. (See
Section 4.2.14 "CPU Interface Serial (CIS)" on page 79
for further details.) No explicit software action required.
However, this state can be entered by explicit software
action by reading the ACPI P_LVL2 register provided by
the GX2 GLCP.
4.17.2.3 Hardware Power States
• FO (Full On): From a hardware reset, all clocks come
up Full On or always running. Generally, the system
should not be left in this state. The AHCG state should
be used.
• AHCG (Active Hardware Clock Gating): This is the
desired mode of operation; it utilizes automatic hardware
clock gating. Latency to turn on a clock is near 0. This
hardware state should be established at system initial-
ization by BIOS code; after initialization it needs no addi-
tional support. AHCG is invisible to the Operating
System, ACPI, or other software based power manage-
ment facilities.
• Suspend on Halt: See CPU power state G0/S0/C1.
• Sleep: See CPU power state G1/S1/C2.
• Auto-refresh: The memory controller issues an auto-
refresh command to the DRAMs. In this state, the
DRAMs perform refresh cycles on their own without any
additional commands or activity from the memory
controller or the interface. As long as power to the
DRAMs is maintained, the memory contents are
retained.
4.17.2.4 PMC Control
Under S3, S4, and S5 power management states, all Work-
ing domain circuits, as well as the GX2, are turned off to
conserve power. Under S3, the system memory is powered
by VIO_VSB in Standby Auto-refresh mode but otherwise, all
other system components are also turned off.
The PMC is used to establish overall system power states.
Normally, the Standby domain voltages are present any-
time the system is plugged into the wall; if portable, any-
time the battery is plugged in. Generally, G3 Mechanical
Off (see Table 4-34 on page 159) only applies during stor-
age or maintenance. Therefore, operationally speaking, the
PMC Standby controller is always available to manage
power. There is a class of system designs that do not
require G1 and G2 global power states. These systems
usually
power-up
WORKING
and
STANDBY
power
domains simultaneously when power is applied.
For supporting “Save-to-RAM” (G1/S3) the WORKING out-
put is used to switch off/on the Working domain sources for
system memory while the WORK_AUX output is used to
switch off/on the Working domain sources for everything
else. Thus, the PMC can completely control the system
power states via these outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com