Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 158 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 158 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 154Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 155Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 156Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 157Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 158Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 159Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 160Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 161Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 162Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 555 page
background image
www.national.com
158
Revision 0.8
MFGPT Functional Description (Continued)
4.16.5 Working Power Domain Logic
The Working power domain logic consists of the Local Bus
Interface, Control Logic, MSRs, and NMI, IRQ, and Reset
Output Events.
When Event mode is enabled, the NMI, IRQ, and Reset
Output Events logic gathers the event outputs of all eight
MFGPTs and then generates the interrupt and resets out-
puts based on MSR settings. The interrupt outputs go to
the PIC that can then trigger an IRQ or ASMI. Note that
MFGPT6 and MFGPT7 cannot trigger reset. These outputs
are controlled by MSR bits, and the NMI output can be fur-
ther controlled by the MSB of I/O Address 070h.
4.16.6 Power Domain Crossing Interface Logic
The asynchronous internal Standby State signal will dis-
able/enable the Working power domain interface immedi-
ately. Therefore, any bus operation active at that time will
have an indeterminate result.
Table 4-33. MFGPT Pulse Density Modulation Example
Up Counter Output
Bit Reverse Output
Pulse Train Output for Given Compare 1 Value (Note 1)
124
56
000
000
0
0
0
0
0
001
100
1
1
1
0
0
010
010
1
1
0
0
0
011
110
1
1
1
1
1
100
001
1
0
0
0
0
101
101
1
1
1
1
0
110
011
1
1
0
0
0
111
111
1
1
1
1
1
Note 1. Compare 2 Value must be set to all 1s for pulse density modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com