Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 159 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 159 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 155Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 156Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 157Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 158Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 159Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 160Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 161Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 162Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 163Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 555 page
background image
Revision 0.8
159
www.national.com
4.17 POWER MANAGEMENT CONTROL
The Power Management Control (PMC) module is a
GeodeLink Device whose function is to control all aspects
of power management. Power management is event driven
meaning that, in general, any action that the PMC performs
is predicated on some event. These events can come from
other GeodeLink Devices, including the CPU module inside
the GX2 for example, or events coming from other off-chip
sources.
The PMC is compatible with the industry standard power
management capabilities as defined in the Advanced Con-
figuration and Power Interface (ACPI) v2.0 specification. An
OS that conforms to ACPI can take advantage of the
CS5535 ACPI support hardware.
Advanced Power Management (APM) is another power
management approach that the PMC supports. APM is a
subset of ACPI and therefore will not be directly discussed.
Components in a GeodeLink architecture based system
have hardware and software means of performing power
management which the PMC controls. A high performance
computing system consumes multiple watts of power when
fully on. However, with GeodeLink architecture, system
power consumption is significantly lower on average
through the use of power states that reduce power needs
when the system is idle.
4.17.1 Power Domains
The PMC module consists of three blocks: Working
Standby and RTC.
• The Working block contains all circuits and functions
associated with the Working power domain. It includes
the Working state machine, Local bus interface, ACPI
power management registers, and power management
supporting logic (i.e., counters, timer, CCU, etc.). The
main function of the Working block is to put the system
into Sleep, that is, turn off clocks to the system and
disable I/Os to reduce power consumption.
• The Standby block contains all circuits and functions
associated with the Standby power domain. It includes
the Standby state machine, ACPI registers, and power
management supporting logic (i.e., counters, reset,
CCU, etc.). The function of the Standby logic is to
control power to the Working power domain. The PMC
disables all interfaces between the Standby and Working
domains while the Working power is off.
• The RTC block contains the timing circuits for keeping
real time. These circuits are powered by VBAT (ball A3).
It is not a device requirement that the RTC block be
powered during Mechanical Off. If a system design does
not require that real time be kept, then VBAT should be
tied to ground.
4.17.2 Power States
Table 4-34 shows the supported ACPI power states and
how they relate to the CS55335/GX2. ACPI power states
not described are not supported.
Table 4-34. Supported ACPI Power Management States
ACPI States
Hardware States
Global System
State
Sleep State
C State
GX2 State
CS5535
Working
Logic
System
Main
Memory
CS5535
Standby
Logic
G0: Working
S0
C0
FO
FO
FO
On
AHCG
AHCG
AHCG
C1
Suspend on
Halt
AHCG
AHCG
G1: Idle
S1: Sleeping
C2
Sleep
Sleep
Auto-refresh
On (Sleep)
S3: Save-to-RAM
Off
Off
Off
Auto-refresh
Standby
S4: Save-to-Disk
Off
Off
Off
Off
G2: Soft Off
S5
Off
Off
Off
Off
Standby
G3: Mechanical Off
Off
Off
Off
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com