Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 163 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 163 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 159Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 160Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 161Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 162Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 163Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 164Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 165Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 166Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 167Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 555 page
background image
Revision 0.8
163
www.national.com
PMC Functional Description (Continued)
Figure 4-55. PMC System Wakeup Sequence
4.17.3.2 Sleep Controls
Sleep Request/Sleep Acknowledge handshake (see Figure
4-53 on page 161) between the GLCP and PMC controls
the transitions into and out of the Sleep and Standby
states. The PMC starts the Sleep sequence by asserting
Sleep Request to the GLCP. The GLCP requests the pro-
cessor to enter C2 by asserting the SUSP# signal. When
SUSPA# from the processor is received, the GLCP informs
the internal GeodeLink Devices of a pending shutdown and
waits until the GeodeLink Devices’ clock control indicates
that they are ready. The length of time it takes for each
device
to
respond
is
programmable
(GLCP
MSR
51700008h, 51700013h, and 5170000Bh). After all desig-
nated GeodeLink Devices have responded, the GLCP
asserts Sleep Acknowledge to the PMC.
The PM_IN_SLPCTL (PMS I/O Offset 20h) register and the
PM_OUT_SLPCTL (PMS I/O Offset 0Ch) are used to dis-
able PCI/IDE inputs and outputs respectively during Sleep.
Generally, they are asserted at the end of a Sleep
sequence and de-asserted at the beginning of a Wakeup
sequence. When “disabled”, some of the outputs are forced
to TRI-STATE with an active internal pull-down resistor
while the rest are simply pulled low. See Section 3.8.5
"MSR Address 4: Power Management" on page 71 for spe-
cific details on PCI/IDE I/O controls during Sleep.
4.17.3.3 Power Controls
In response to Sleep Acknowledge from the GLCP, the
PMC
can
assert
five
controls/enables:
SLEEP_X,
SLEEP_Y, SLP_CLK_EN#, WORKING, and WORK_AUX.
These can control external electronic power switches and
enables. Each control’s assertion and de-assertion is sub-
ject to an enable and a programmable delay (PMS I/O Off-
set 04h to 3Ch).
Controls SLEEP_X and SLEEP_Y are generic and have no
specific use. Asserting control SLP_CLK_EN# is assumed
to turn off the system (board) clocks. It is always de-
asserted by the wakeup event. The following conditions
apply to the timing of selected output control (see Section
4.17.3.2 "Sleep Controls"), SLEEP_X, SLEEP_Y and
SLP_CLK_EN#.
When going to sleep:
a) If not enabled, SLEEP_X and SLEEP_Y do not assert at
all. If they are enabled, the delay should be set to occur
between the delays programmed in the PM_IN_SLPCTL
and PM_OUT_SLPCTL registers.
b) If SLP_CLK_EN# is enabled, any delays associated with
the PM_OUT_SLPCTL, SLEEP_X, and SLEEP_Y regis-
ters must be less than the SLP_CLK_EN# delay.
c) If SLP_CLK_EN# is enabled, then Sleep wakeup is pos-
sible only after SLP_CLK_EN# asserts.
Sleep Request
SUSP#
SUSPA#
GL Device Clock Control
Sleep Acknowledge
PCI/IDE Input Control
SLEEP_X/SLEEP_Y
PCI/IDE Output Control
SLP_CLK_EN#
SLEEP_X/SLEEP_Y Controls should de-assert between PCI/IDE input and output controls.
Indicates a variable delay.
NOTE: External signals are not necessarily active high. Shown as active high for clarity.
SLP_CLK_EN# de-asserts at wakeup event and turns on system clocks.
Wakeup sequence begins with a Sleep wakeup event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com