| Electronic Components Datasheet Search |
|
CS5535-UDC Datasheet(PDF) 115 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5535-UDC Datasheet(HTML) 115 Page - National Semiconductor (TI) |
|
115 / 555 page ![]() Revision 0.8 115 www.national.com 4.10 SYSTEM MANAGEMENT BUS CONTROLLER The System Management Bus (SMB) Controller is a two- wire synchronous serial interface compatible with the Sys- tem Management Bus physical layer. The SMB Controller is also compatible with Intel's SMBus and Philips’ I2C. The SMB Controller can be configured as a bus master or slave, and can maintain bidirectional communication with both multiple master and slave devices. As a slave device, the SMB Controller may issue a request to become the bus master. The SMB Controller allows easy interfacing to a wide range of low-cost memories and I/O devices, including: EEPROMs, SRAMs, timers, ADC, DAC, clock chips, and peripheral drivers. This chapter describes the general SMB Controller func- tional block. A device may include a different implementa- tion. A block diagram of the System Management Bus (SMB) Controller is shown Figure 4-22. The SMB Controller is upward compatible with previous industry standard two-wire interfaces as detailed in Table 4- 17 on page 116. The SMB Controller’s protocol uses a two-wire interface for bidirectional communication between the ICs connected to the bus. The two interface lines are the Serial Data Line (SDL) and the Serial Clock Line (SCL). These lines should be connected to a positive supply via an internal or external pull-up resistor, and remain high even when the bus is idle. Each IC has a unique address and can operate as a trans- mitter or a receiver (though some peripherals are only receivers). During data transactions, the master device initiates the transaction, generates the clock signal, and terminates the transaction. For example, when the SMB Controller ini- tiates a data transaction with an attached SMB compliant peripheral, the SMB Controller becomes the master. When the peripheral responds and transmits data to the SMB Controller, their master/slave (data transaction initiator and clock generator) relationship is unchanged, even though their transmitter/receiver functions are reversed. Figure 4-22. SMB Block Diagram Data In Data In Local Bus Interface CCU PIC Busy IRQ Clock I/O Enable Data Out Clock Out SMB Controller |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |