Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 119 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 119 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 115Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 116Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 117Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 118Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 119Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 120Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 121Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 122Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 123Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 555 page
background image
Revision 0.8
119
www.national.com
SMB Controller Functional Description (Continued)
4.10.1.5 Arbitration on the Bus
Multiple master devices on the bus require arbitration
between their conflicting bus SMB demands. Control of the
bus is initially determined according to address bits and
clock cycle. If the masters are trying to address the same
slave, data comparisons determine the outcome of this
arbitration. In master mode, the device immediately aborts
a transaction if the value sampled on the SDA line differs
from the value driven by the device. (An exception to this
rule is SDA while receiving data. The lines may be driven
low by the slave without causing an abort.)
The SCL signal is monitored for clock synchronization and
to allow the slave to stall the bus. The actual clock period is
set by the master with the longest clock period, or by the
slave stall period. The clock high period is determined by
the master with the shortest clock high period.
When an abort occurs during the address transmission, a
master that identifies the conflict should give up the bus,
switch to slave mode, and continue to sample SDA to
check if it is being addressed by the winning master on the
bus.
4.10.1.6 Master Mode
This discussion and Section 4.10.1.7 "Slave Mode" refer-
ence several bits in the SMB Native register set (e.g.,
SMBCTL1.STASTRE, SMBST.MASTER, etc.). Table 4-18
provides the bit map for the SMB Native registers for the
reader’s convenience. For full bit descriptions, refer to Sec-
tion 5.11.1 "SMB Native Registers" on page 354.
Requesting Bus Mastership
An SMB transaction starts with a master device requesting
bus mastership. It asserts a START condition, followed by
the address of the device that wants the bus. If this transac-
tion is successfully completed, the software may assume
that the device has become the bus master.
For the device to become the bus master, the software
should perform the following steps:
1)
Configure SMBCTL1.INTEN to the desired operation
mode (Polling = 0 or Interrupt = 1) and set
SMBCTL1.START. This causes the SMB Controller to
issue a START condition on the bus when the bus
becomes free (SMBCST.BB is cleared, or other condi-
tions that can delay START). It then stalls the bus by
holding SCL low.
2)
If a bus conflict is detected (i.e., another device pulls
down the SCL signal), SMBST.BER is set.
3)
If there is no bus conflict, SMBST.SDAST and
SMBST.MASTER are set.
4)
If SMBCTL1.INTEN is set and either SMBST.BER or
SMBST.SDAST is set, an interrupt is issued.
Sending the Address Byte
When the device is the active master of the bus
(SMBST.MASTER is set), it can send the address on the
bus.
The address sent should not be the device’s own address,
as defined by the ADDR bits of the SMBADDR register if
the SMBADDR.SAEN is set, nor should it be the global call
address if the SMBCST.GCMTCH is set.
To send the address byte, use the following sequence:
1)
For a receive transaction, where the software wants
only one byte of data, it should set SMBCTL1.ACK. If
only an address needs to be sent or if the device
requires
stall
for
some
other
reason,
set
the
SMBCTL1.STASTRE.
2)
Write the address byte (7-bit target device address)
and the direction bit to SMBSDA. This causes the
SMB Controller to generate a transaction. At the end
of this transaction, the acknowledge bit received is
copied to SMBST.NEGACK. During the transaction,
the SDA and SCL lines are continuously checked for
conflict with other devices. If a conflict is detected, the
transaction is aborted, SMBST.BER is set, and
SMBST.MASTER is cleared.
Table 4-18. SMB Native Registers Map
SMB I/O
Offset
Name
7654321
0
00h
SMBSDA
SMBSDA
01h
SMBST
SLVSTP
SDAST
BER
NEGACK
STASTR
NMATCH
MASTER
XMIT
02h
SMBCST
RSVD
TGSCL
TSDA
GCMTCH
MATCH
BB
BUSY
03h
SMBCTL1
STASTRE
NMINTE
GCMEN
ACK
RSVD
INTEN
STOP
START
04h
SMBADDR
SAEN
SMBADDR
05h
SMBCTL2
SCLFRQ
EN
06h
SMBCTL3
SCLFRQ
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com