Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 112Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 113Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 114Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 115Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 116Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 117Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 118Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 119Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 555 page
background image
www.national.com
116
Revision 0.8
SMB Controller Functional Description (Continued)
Table 4-17. Comparison of SMB, I2C, and ACCESS.bus
Symbol
Parameter
SMB
I2C
ACCESS.bus
Min
Max
Min
Max
Min
Max
F
Operating frequency
10 kHz
100 kHz
0 kHz
100 kHz
10 kHz
100 kHz
TBUF
Bus free time between STOP
and START condition
4.7 µs
4.7 µs
4.7 µs
THD:STA
Hold time after (repeated)
START condition. After this
period the first clock is generated
4.0 µs
4.0 µs
4.0 µs
TSU:STA
Repeated START condition setup
time
4.7 µs
4.7us
4.7 µs
TSU:STO
STOP condition setup time
4.0 µs
4.0us
4.0 µs
THD:DAT
Data hold time
300 ns
0 µs
3.45 µs
300 ns
TSU:DAT
Data setup time
250 ns
250 ns
250 ns
TTimeout
Detect clock low time-out
25 ms
35 ms
25 ms
35 ms
TLOW
Clock low period
4.7 µs
4.7 µs
4.7 µs
THIGH
Clock high period
4.0 µs
50 µs
4.0 µs
4.0 µs
50 µs
TLOW:SEXT
Cumulative clock low extend
period (slave)
25 ms
25 ms
TLOW:MEXT
Cumulative clock low extend
period (master)
10 ms
10 ms
TF
Clock/data fall time
300 ns
300 ns
300 ns
TR
Clock/data rise time
1000 ns
1000 ns
1000 ns
TPOR
Time that device must be opera-
tional after power-on reset
500 ms
VIL
SMBus signal input low voltage
0.8V
-0.5V
1.5V
-0.5V
0.6V
VIH
SMBus signal input high voltage
2.1V
VDD
3.0V
1.4V
5.5V
VOL
SMBus signal output low voltage
0.4V
0V
0.4V
0V
0.4V
ILEAK_BUS
Input leakage per bus segment
+-200uA
ILEAK_PIN
Input leakage per device pin
+-10 µA
-10 µA
+10 µA
10 µA
VDD
Nominal bus voltage
2.7V
5.5V
2.0V
5.0V
IPULLUP
Current sinking, VOL = 0.4V
(SMBus)
4.0 mA
100 µA
350 µA
CBUS
Capacitive load per bus segment
400 pF
CI
Capacitance for SMBDAT or
SMBCLK pin
10 pF
10 pF
VNOISE
Signal noise immunity from 10 to
100 MHz
300 mV
p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com