Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 122 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 122 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 118Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 119Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 120Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 121Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 122Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 123Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 124Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 125Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 126Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 555 page
background image
www.national.com
122
Revision 0.8
SMB Controller Functional Description (Continued)
4.10.1.8 Configuration
SDA and SCL Signals
The SDA and SCL are open-drain signals. The device per-
mits the user to define whether to enable or disable the
internal pull-up of each of these signals.
SMB Clock Frequency
The SMB permits the user to set the clock frequency for the
System Management Bus clock. The clock is set by the
SMBCTL2.SCLFRQ field and the SMBCTL3 register,
which determines the SCL clock period used by the device.
This clock low period may be extended by stall periods initi-
ated by the SMB or by another System Management Bus
device. In case of a conflict with another bus master, a
shorter clock high period may be forced by the other bus
master until the conflict is resolved.
4.10.1.9 Transaction Types
Byte Write
Sequence of events (see Figure 4-28):
1)
START
2)
Address phase
3)
Acknowledge
4)
Word address
5)
Acknowledge
6)
Data
7)
Acknowledge
8)
STOP
Figure 4-28. SMB Byte Write
Device
Word Address
Data
Address
SDA
Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com