Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 126 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 126 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 122Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 123Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 124Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 125Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 126Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 127Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 128Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 129Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 130Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 555 page
background image
www.national.com
126
Revision 0.8
UART/IR Controller Functional Description (Continued)
4.11.1 Operational Modes
This section describes the operation modes of the
UART/IR Controller. Although each mode is unique, certain
system resources and features are common.
This discussion references several bits in the UART/IR
Controller Native register set. Table 4-19 provides the bit
map for the UART/IR Controller Native registers for the
reader’s convenience. For full bit descriptions, refer to Sec-
tion 5.12.2 on page 366.
Table 4-19. UART/IR Controller Native Register Bit Map
I/O
Offset Name
7
654
3210
Bank 0
00h
RXD
RXD7
RXD6
RXD5
RXD4
RXD3
RXD2
RXD1
RXD0
00h
TXD
TXD7
TXD6
TXD5
TXD4
TXD3
TXD2
TXD1
TXD0
01h
IER
(Note 1)
RSVD
MS_IE
LS_IE
TXLDL_IE
RXHDL_IE
IER
(Note 2)
RSVD
TXEMP_IE
DMA_IE
MS_IE
LS_IE
TXLDL_IE
RXHDL_IE
02h
EIR
(Note 1)
FEN[1:0]
RSVD
RXFT
IPR[1:0]
IPF
EIR
(Note 2)
RSVD
TXEMP_EV
DMA_EV
MS_EV
LS_EV/
TXHLT_EV
TXLDL_EV
RXHDL_IE
FCR
RXFTH[1:0]
TXFTH[1:0]
RSVD
TXSR
RXSR
FIFO_EN
03h
LCR
BKSE
SBRK
STKP
EPS
PEN
STB
WLS[1:0]
BSR
BKSE
BSR[6:0]
04h
MCR
(Note 1)
RSVD
LOOP
ISEN or
DCDLP
RILP
RTS
DTR
MCR
(Note 2)
MDSL[2:0]
IR_PLS
TX_DFR
DMA_EN
RTS
DTR
05h
LSR
ER_INF
TXEMP
TXRDY
BRK
FE
PE
OE
RXDA
06h
MSR
DCD
RI
DSR
CTS
DDCD
TERI
DDSR
DCTS
07h
SPR
(Note 1)
Scratch Data
ASCR
(Note 2)
CTE
TXUR
RXACT
RXWDG
RSVD
S_OET
RSVD
RXF_TOUT
Bank 1
00h
LBGD_L
LBGD[7:0]
01h
LBGD_H
LBGD[15:8]
02h
RSVD
RSVD
03h
LCR
BKSE
SBRK
STKP
EPS
PEN
STB
WLS1
WLS0
BSR
BKSE
BSR[6:0]
04-07h RSVD
RSVD
Bank 2
00h
BGD_L
BGD[7:0]
01h
BGD_H
BGD[15:8]
02h
EXCR1
RSVD
EDTLBK
LOOP
DMASWP
DMATH
DMANF
EXT_SL
03h
BSR
BKSE
BSR[6:0]
04h
EXCR2
LOCK
RSVD
PRESL[1:0]
RF_SIZ[1:0]
TF_SIZ1[1:0]
05h
RSVD
RSVD
06h
TXFLV
RSVD
TFL[5:0]
07h
RXFLV
RSVD
RFL[5:0]
Bank 3
00h
MRID
MID[3:0]
RID[3:0]
01h
SH_LCR
RSVD
SBRK
STKP
EPS
PEN
STB
WLS1
WLS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com