Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 127 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 127 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 123Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 124Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 125Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 126Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 127Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 128Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 129Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 130Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 131Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 555 page
background image
Revision 0.8
127
www.national.com
UART/IR Controller Functional Description (Continued)
4.11.1.1 UART Mode
UART mode supports serial data communication with a
remote peripheral device using a wired interface. This func-
tional block provides receive and transmit channels that
can operate concurrently in full-duplex mode. This func-
tional block performs all functions required to conduct par-
allel data interchange with the system and composite serial
data exchange with the external data channel.
It performs parallel-to-serial conversion on data characters
received from the processor or a DMA controller, and
serial-to-parallel conversion on data characters received
from the serial interface. Figure 4-34 shows the serial data
stream. A data character contains five to eight data bits. It
is preceded by a START bit and is followed by an optional
PARITY bit and a STOP bit. Data is transferred in Little
Endian order (LSB first).
Figure 4-34. UART Serial Data Stream Format
02h
SH_FCR
RXFTH[1:0]
TXFTH[1:0]
RSVD
TXSR
RXSR
FIFO_EN
03h
BSR
BKSE
BSR[6:0]
04h-
07h
RSVD
RSVD
Bank 4
00h-
01h
RSVD
RSVD
02h
IRCR1
RSVD
IR_SL[1:0]
RSVD
03h
BSR
BKSE
BSR[6:0]
04h-
07h
RSVD
RSVD
Bank 5
00h-
02h
RSVD
RSVD
03h
BSR
BKSE
BSR[6:0]
04h
IRCR2
RSVD
RSVD
RSVD
AUX_IRRX
RSVD
RSVD
IRMSSL
IR_FDPLX
05h-
07h
RSVD
RSVD
Bank 6
00h
IRCR3
SHDM_DS
SHMD_DS
RSVD
01h
RSVD
RSVD
02h
SIR_PW
RSVD
SPW3
SPW2
SPW1
SPW0
03h
BSR
BKSE
BSR[6:0]
04h-
07h
RSVD
RSVD
Bank 7
00h
IRRXDC
DBW[2:0]
DFR[4:0]
01h
IRTXMC
MCPW[2:0]
MCFR[4:0]
02h
RCCFG
R_LEN
T_OV
RXHSC
RCDM_DS
RSVD
TXHSC
RC_MMD[1:0]
03h
BSR
BKSE
BSR[6:0]
04h
IRCFG1
STRV_MS
RSVD
SET_IRTX
IRRX1_LV
RSVD
IRIC[2:0]
05h-
06h
RSVD
RSVD
07h
IRCFG4
RSVD
IRSL0_DS
RXINV
IRSL21_DS
RSVD
Note 1. Non-Extended Mode.
Note 2. Extended Mode.
Table 4-19. UART/IR Controller Native Register Bit Map (Continued)
I/O
Offset Name
7
654
3210
START -LSB- DATA[5:8] -MSB- PARITY
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com