| Electronic Components Datasheet Search |
|
CS5535-UDC Datasheet(PDF) 131 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5535-UDC Datasheet(HTML) 131 Page - National Semiconductor (TI) |
|
131 / 555 page ![]() Revision 0.8 131 www.national.com UART/IR Controller Functional Description (Continued) 4.11.3 Dongle Interface The dongle interface on the CS5535 is not a fully hardware compatible interface. The real dongle interface requires six external interface signals and the CS5535 only supports three. With only three signals, the dongle interface sup- ports a subset of the real dongle interface through virtual- ization. 4.11.3.1 Real Dongle The real dongle interface uses six multiplexed pins for don- gle identification, data transfer, and transceiver configura- tion. Figure 4-35 illustrates the real dongle interface and Table 4-20 provides the interface signals and their descrip- tions. Only three signals (IRTX, IRRX, and ID0/IRSL0/IRRX2) are used for the IR interface. It has three phases: Phase 1: Change the ID0-ID3 bits to input mode, and read the status to complete primary identification of the dongle. Phase 2: Change ID1 and ID2 as output and read the status of ID0 and ID3 to complete the secondary dongle identifi- cation phase. This phase provides information about the connected dongle. Phase 3: Configure mode: Change IRSL[2:0] as an output and configure the transceiver for the required mode. If two infrared inputs are required, change IRSL0 to an input to give the second receiver channel IRRX2. The IRSL2 and IRSL1 are configured as outputs to keep the transceiver in the required mode. Figure 4-35. Real Dongle Interface Table 4-20. Real Dongle Interface Signals Signal Name Type Description IRTX O Infrared transmit data IRRX I Infrared receive data ID0/IRSL0/IRRX2 I/O Identification signal 0 Infrared mode select 0 Infrared receive data for transceivers with two RX channels ID1/IRSL1 I/O Identification signal 1 Infrared mode select 1 ID2/IRSL2 I/O Identification signal 2 Infrared mode select 2 ID3 I/O Identification signal 2 Shielded Cable IrDa-Data Transceiver with Receive Channels TX RX-A RX-B IR Controller Transceiver Select Logic Resistance Pull-up VCC IRTX IRRXI ID0/IRSL0/IRRX2 ID1/IRSL1 ID2/IRSL2 ID3 ASIC Boundary |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |