Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 135 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 135 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 131Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 132Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 133Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 134Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 135Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 136Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 137Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 138Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 139Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 555 page
background image
Revision 0.8
135
www.national.com
LPC Port Functional Description (Continued)
4.13.1 LPC Protocol
LPC supports memory read/write, I/O read/write, DMA
read/write, and Firmware Hub Interface (see Table 4-22).
Data transfers on the LPC bus are serialized over a 4-bit
bus.
LFRAME# is used by the host to start or stop transfers. No
peripherals drive this signal. A cycle is started by the host
when it drives LFRAME# active and puts information
related to the cycle on the LAD[3:0] signals. The host
drives information such as address or DMA channel num-
ber. For DMA and target cycles, the host drives cycle type
(memory or I/O), read/write direction, and size of the trans-
fer. The host optionally drives data, and turns around to
monitor peripherals for completion of the cycle. The periph-
eral indicates the completion of the cycle by driving appro-
priate values on the LAD[3:0] signals.
The LAD[3:0] signals communicate address, control, and
data information over the LPC bus between the host and
the peripheral. The information carried on the LAD signals
are: start, stop (abort a cycle), transfer type (memory, I/O,
DMA), transfer direction (read/write), address, data, wait
states, and DMA channel number. The following sections
give an overview of fields used. Detailed field descriptions
are provided in Table 4-23 on page 136.
START: This field indicates the start or stop of a transac-
tion. The START field is valid on the last clock that
LFRAME# is active. It is used to indicate a device number,
or start/stop indication.
CYCTYP: The Cycle Type field is driven by the host when it
is performing DMA or target accesses. Bits [3:2] are used
for cycle type and bit 1 is used for direction. Bit 0 is
reserved.
SIZE: This field is one clock. It is driven by the host on
memory and DMA transfers to determine how many bytes
are to be transferred. Bits [1:0] are used to determine size
and bits [3:2] are reserved.
TAR: The Turn Around field is two clocks, and is driven by
the host when it is turning control over to a peripheral and
vice versa. In the first clock a host or a peripheral drives the
LAD[3:0] lines to 1111b, on the second cycle the host or
peripheral TRI-STATES the LAD[3:0] lines. These lines
have weak pull-ups so they will remain at a logical high
state.
ADDR: The Address field is four clocks for I/O cycles and
eight clocks for memory cycles. It is driven by the host on
target accesses. This field is not driven on DMA cycles.
The most significant nibble is driven first.
CHANNEL/Terminal Count: The Channel field is one
clock and driven by the host on DMA cycles to indicate the
DMA channel. Only 8-bit channels are supported (0, 1, 2,
3). DMA channel is communicated on LAD[2:0] and Termi-
nal Count (TC) is communicated through LAD3. TC indi-
cates the last byte of transfer, based upon the size of the
transfer. If an 8-bit transfer and TC is set, then this is the
last byte.
DATA: This field is two clocks, representing one byte data.
It is driven by the host on target and DMA cycles when data
is flowing to the peripheral, and by the peripheral when
data is flowing to the host. The lower nibble is driven first.
SYNC: This field can be several clocks in length and is
used to add wait states. Driven by the peripheral on target
or DMA cycles.
SYNC Timeout:
1)
The host starts a cycle, but no device ever drives
SYNC valid. If the host observes three consecutive
clocks without a valid SYNC, it can abort the cycle.
2)
The host starts a cycle, a device drives a SYNC valid
to insert wait states (LAD[3:0] = 0101b or 0110b), but
never completes it. This could happen if the peripheral
locks up for some reason. The peripheral should be
designed to prevent this case:
– If the SYNC pattern is 0101b, then the maximum
number of SYNC clocks is eight. If the host sees
more than eight, it may abort the cycle.
– If the SYNC pattern is 0110b, then no maximum
number of SYNC clocks took place, the peripheral
must have protection mechanisms to complete the
cycle.
Table 4-22. Cycle Types Supported
Cycle Type
Size
Size
Supported
Intel FWH Read
1 Byte
Yes
Intel FWH Write
1 Byte
Yes
Memory Read
1 Byte
Yes
Memory Write
1 Byte
Yes
I/O Read
1 Byte
Yes
I/O Write
1 Byte
Yes
DMA Read
1, 2, 4 Bytes
1 Byte Only
DMA Write
1, 2, 4 Bytes
1 Byte Only
Bus Master Mem Read
1, 2, 4 Bytes
No
Bus Master Mem Write
1, 2, 4 Bytes
No
Bus Master I/O Read
1, 2, 4 Bytes
No
Bus Master I/O Write
1, 2, 4 Bytes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com