Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 132Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 133Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 134Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 135Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 136Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 137Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 138Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 139Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 555 page
background image
www.national.com
136
Revision 0.8
LPC Port Functional Description (Continued)
When the host is driving SYNC, it may insert a very large
number of wait-states depending on PCI latencies. The
peripheral must not assume any timeouts.
SYNC Error Indication: A peripheral can report an error via
the LAD[3:0] = 1010b encoding. If the host was reading
data from a peripheral, the data will still be transferred in
the next two nibbles, even though this data is invalid, the
peripheral must transfer it. If the host was writing, data had
already been transferred.
In DMA if it was a multiple byte cycle, an error SYNC termi-
nates the cycle.
For more info on SYNC timeout and SYNC error details,
refer to the LPC Specification.
Table 4-23. Cycle Field Definitions: Target Memory, I/O, and DMA
Field
# Clocks
Comment
START
1
Start of Cycle. 0000b indicates a start of a cycle.
CYCTYP
1
Cycle Type. Indicates the type of cycle.
Bits [3:0]
Definition
000x
I/O Read
001x
I/O Write
010x
Memory Read
011x
Memory Write
100x
DMA Read
101x
DMA Write
1100
Reserved
1101
FWH Read
1110
FWH Write
1111
Reserved
CHANNEL
1
Channel #. Used only for DMA cycles to indicate channel number being granted. The LAD[2:0]
bits indicate the channel number being granted, and LAD[3] indicates the TC bit. The encoding
on LAD[2:0] for channel number is as follows:
LAD[2:0]
Definition
000
I/O Read
001
I/O Write
010
Memory Read
011
Memory Write
100-111
Reserved
Only 8-bit channels are supported.
TAR
2
Turn-Around. The last component driving LAD[3:0] will drive it high during the first clock and
TRI-STATE during the second clock.
SIZE
1
Size of Transfer. Used only for DMA cycles. Bits [3:0] are reserved and must be ignored by the
peripheral.
LAD[1:0]
Definition
00
8-Bit
01-11
Reserved
Only 8-bit is supported for all transfers.
DATA
1 Byte
DMA: 1 Byte
Data Phase. The data byte is transferred with the least significant nibble first (D[3:0] on
LAD[3:0], then D[7:4] on LAD[3:0]).
DMA. The data byte is transferred with the least significant nibble first (D[3:0] on LAD[3:0], then
D[7:4] on LAD[3:0]). Only one byte data transfer is supported.
ADDR
8 for Memory,
4 for I/O
Address Phase. Address is 32-bit for memory, 16-bit for I/O. It is transferred most significant
nibble first.
DMA cycles do not use the ADDR field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com