Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 134 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 134 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 130Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 131Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 132Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 133Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 134Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 135Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 136Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 137Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 138Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 555 page
background image
www.national.com
134
Revision 0.8
4.13 LOW PIN COUNT PORT
The Low Pin Count port is based on Intel’s Low Pin Count
(LPC) Interface Specification v1.0. In addition to the
required pins, the CS5535 also supports two optional pins:
LDRQ# and SERIRQ. The LPC interface supports memory,
I/O, DMA, and Intel’s Firmware Hub Interface. Figure 4-38
shows the block diagram of the LPC port.
Features
• Based on Intel’s Low Pin Count (LPC) Specification
v1.0.
• Serial IRQ support.
• Supports memory, I/O, and DMA cycle types.
• Bus master cycles not supported.
• CLKRUN# and LPCPD# not supported. SMI# and PME#
supported via GPIOs.
• On-chip DMA transfers through LPC.
• Supports Intel’s FirmWare Hub (FWH) Interface:
— 5 Signal communication interface supporting byte-at-
a-time reads and writes.
— LAD[3:0] called as FWH0-FWH3 and LFRAME# as
FWH4.
Figure 4-38. LPC Block Diagram
GeodeLink Adapter
Local Bus
Local Bus Slave
Local Bus Master
LPC Master
DRQ
LDRQ
SIRQ
LPC Reg
To PIC
LFRAME#
LDRQ#
LAD[3:0]
SERIRQ
To DMA
From DMA
LPC to/from Local Bus
Busy
LPC Master
Initiates all transactions on LPC bus, takes/issues requests from Local bus.
Local Bus Master
Takes request from LPC master and DMA.
Local Bus Slave
Issues request to LPC master from Local bus.
SIRQ
Decodes SERIRQ into IRQ to be passed on to PIC.
LDRQ
Decodes LDRQ# into DRQ sets and clears.
DRQ
Combines multiple LDRQ# outputs and passes results to DMA.
LPC Reg
Contains all the LPC I/O registers.
LPC to/from Local Bus
LPC to Local bus interface module.
Busy
Generates busy signal for clock controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com