Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 125 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 125 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 121Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 122Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 123Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 124Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 125Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 126Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 127Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 128Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 129Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 555 page
background image
Revision 0.8
125
www.national.com
4.11 UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER AND IR PORT CONTROLLER
The Universal Asynchronous Receiver Transmitter and IR
Port (UART/IR Controller) is an enhanced serial port with
fast IR (infrared). The UART/IR Controller provides
advanced, versatile serial communications features with IR
capabilities and supports:
• UART (Section 4.11.1.1 "UART Mode" on page 127)
• Sharp-IR (Section 4.11.1.2 "Sharp-IR Mode" on page
128)
• IrDA 1.0 SIR (Section 4.11.1.3 "SIR Mode" on page 128)
• Consumer Electronic IR (CEIR); also called TV Remote
or Consumer remote control (Section 4.11.1.4 "CEIR
Mode" on page 128)
In UART mode, the functional block can act as a standard
16450 or 16550, or in extended mode.
Existing 16550-based legacy software is completely and
transparently supported. Organization and specific fall-
back mechanisms switch the functional block to 16550
compatibility mode upon reset, or when initialized by 16550
software.
This functional block has two DMA channels, of which the
device can use one or both. One channel is required for IR-
based applications, since IR communication works in half-
duplex fashion. Two channels are normally needed to han-
dle high-speed, full duplex, UART-based applications.
Figure 4-33 shows the serial port connections to the
peripheral devices and host, as well as the device configu-
ration.
Features
• Fully compatible with 16550 and 16450 devices (except
modem)
• Extended UART mode
• Sharp-IR
• IrDA 1.0 SIR with up to 115.2 kbaud data rate
• Consumer-IR mode
• UART mode data rates up to 1.5 Mbps
• Full duplex infrared frame transmission and reception
• Transmit deferral
• Automatic fallback to 16550 compatibility mode
• Selectable 16 and 32 level FIFOs
• 12-bit timer for infrared protocol support
• DMA handshake signal routing for either 1 or 2 channels
• Support for power management
• Virtual dongle interface
Figure 4-33. UART/IR Overview Diagram
Microprocessor
Master Bus
Local Bus Interface
DMA Controller
Virtual Dongle
Interface
SuperI/O Bus and DMA
Register Bank
Tx and Rx UART/IR Logic
UART Interface
IR Interface
MSR_DON
MSR_CONFIG
MSR_RSVD
MSR_MOD
Local Bus to SuperI/O Bus Converter and Control Logic
ID[3:0]
IRSL0_DS
IRSL[2:0]
Modem/Control Signals
UART/IR Controller
SOUT
SIN
IRTX
IRRX1
IRQ
Interrupt Controller
BUSY
CCU
MHZ48_CLK
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com