| Electronic Components Datasheet Search |
|
SC28L202 Datasheet(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC28L202 Datasheet(HTML) 44 Page - NXP Semiconductors |
|
44 / 77 page ![]() Philips Semiconductors Objective specification SC28L202 Dual UART 2000 Feb 10 38 BCRx – Bidding Control Register – Xon/Xoff, A and B Bits 7:0 MSBs of an Xon/Xoff interrupt bid This register provides the 8 MSBs of the Interrupt Arbitration number for a Xon/Xoff interrupt. BCRA – Bidding Control Register – Address, A and B Bits 7:0 MSBs of an address recognition event interrupt bid This register provides the 8 MSBs of the Interrupt Arbitration number for an address recognition event interrupt. BCR C/T – Bidding Control Register –C/T, 0 and 1 Bits 7:0 MSBs of a counter/timer event interrupt bid This register provides the 8 MSBs of the Interrupt Arbitration number for a counter/timer event interrupt. BCRLBE – Bidding Control Register – Received Loop Back Error Bits 7:0 MSBs of a received loop back error event interrupt bid This register provides the 8 MSBs of the Interrupt Arbitration number for the received loop back error interrupt. Registers of the I/O ports IPCRL – Input Port Change Register Lower Nibble, A and B (n = A for A, n = B for B) Bit 7 Bit 6 Bit 7 Bit 6 Bit 3 Bit 2 Bit 1 Bit 0 ∆I/O3 n change ∆I/O2 n change ∆I/O1 n change ∆I/O0 n change I/O3 n state I/O2 n state I/O1 n state I/O0 n state 0 = no change 1 = change 0 = no change 1 = change 0 = no change 1 = change 0 = no change 1 = change Reads the actual logic level at the pin. 1 = high level; 0 = low level This register may be read to determine the current logical level of the I/O pins and examine the output of the change detectors assigned to each pin. If the change detection is not enabled or if the pin is configured as an output, the associated change field will read b’0. IPCRU – Input Port Change Register Upper Nibble, A and B (n = A for A, n = B for B) Bit 7 Bit 6 Bit 7 Bit 6 Bit 3 Bit 2 Bit 1 Bit 0 ∆I/O7 n change ∆I/O6 n change ∆I/O5 n change ∆I/O4 n change I/O7 n state I/0n6 state I/O5 n state I/O4 n state 0 = no change 1 = change 0 = no change 1 = change 0 = no change 1 = change 0 = no change 1 = change Reads the actual logic level at the pin. 1 = high level; 0 = low level This register may be read to determine the current logical level of the I/O pins and examine the output of the change detectors assigned to each pin. If the change detection is not enabled or if the pin is configured as an output, the associated change field will read b’0. IPR – Input Port Register, A and B (n = A for A, n = B for B) Bits 7:0 Logical levels of I/O(7:0)n IPCE – Input Change Detect Enable, A and B (n = A for A, n = B for B) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 ∆I/O7 n enable ∆I/O6 n enable ∆I/O5 n enable ∆I/O4 n enable ∆I/O3 n enable ∆I/O2 n enable ∆I/O1 n enable ∆I/O0 n enable 0 = disable 1 = enable 0 = disable 1 = enable 0 = disable 1 = enable 0 = disable 1 = enable 0 = disable 1 = enable 0 = disable 1 = enable 0 = disable 1 = enable 0 = disable 1 = enable IPCE[7:0] bits activate the input change of state detectors. If a pin is configured as an output, the change of state detectors, if enabled, continue to be active and will show a change of state as the I/P port changes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |