Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L202 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 42Page - NXP Semiconductors SC28L202 Datasheet HTML 43Page - NXP Semiconductors SC28L202 Datasheet HTML 44Page - NXP Semiconductors SC28L202 Datasheet HTML 45Page - NXP Semiconductors SC28L202 Datasheet HTML 46Page - NXP Semiconductors SC28L202 Datasheet HTML 47Page - NXP Semiconductors SC28L202 Datasheet HTML 48Page - NXP Semiconductors SC28L202 Datasheet HTML 49Page - NXP Semiconductors SC28L202 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
40
ROPR A and ROPR B – Reset ROPR Output Port Bits (OPR A and OPR B)
ROPR [7:0] – Ones in the byte written to the ROPR will cause the
corresponding bit positions in the OPR to set to 0. Zeros have no
effect. This allows software to reset individual bits with our keeping a
copy of the OPR bit configuration. One register for each channel
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reset OPR
Bits
OPR 7
OPR 6
OPR 5
OPR 4
OPR 3
OPR 2
OPR 1
OPR 0
1=reset bit
0=no change
1=reset bit
0=no
change
1=reset bit
0=no
change
1=reset bit
0=no
change
1=reset bit
0=no
change
1=reset bit
0=no
change
1=reset bit
0=no
change
1=reset bit
0=no change
OPR – Output Port Register, A and B (n = A for A, n = B for B)
The output pins (I/O pins) drive the data written to this register.
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
OPR
I/O7 n
I/O6 n
I/O5 n
I/O4 n
I/O3 n
I/O2 n
I/O1 n
I/O0 n
0=Pin High
1=Pin Low
0=Pin High
1=Pin Low
0=Pin High
1=Pin Low
0=Pin High
1=Pin Low
0=Pin High
1=Pin Low
0=Pin High
1=Pin Low
0=Pin High
1=Pin Low
0=Pin High
1=Pin Low
This register is set by the SOPR and ROPR above.
THE REGISTERS FOR COMPATIBILITY WITH PREVIOUS DUARTS
The purpose of including previous functionality is to allow users to
call communications code that may be used in former systems.
When the registers in this lower 16–position address space is used
it will revoke programming done in the upper address space where
the addresses are duplicated. If functions have been called from
upper address space that DO NOT exist in the lower address space
they will remain active. It is therefore recommended that the “Reset
to C92 “ command be issued before calling code written for older
devices. This is just recommended. If one wishes to enhance
previous code by using Xon/Xoff, for example, there is no restriction
against it. These registers provide the original functionality of
previous Philips DUARTs: SCN2681, SCN68681, SCC2691,
SCC68692, SC26C92 and SC28L92.
Table 7. SC28L92 Register Addressing READ (RDN = 0) WRITE (WRN = 0)
Address
READ (RDN = 0)
WRITE (WRN = 0)
0
0
0
0
Mode Register A (MR0 A, MR1 A, MR2 A)
Mode Register A (MR0 A, MR1 A, MR2 A)
0
0
0
1
Status Register A (SR A)
Clock Select Register A (CSR A )
0
0
1
0
Reserved
Command Register A (CR A)
0
0
1
1
Rx Holding Register A (RxFIFO A)
Tx Holding Register A (TxFIFO A)
0
1
0
0
Input Port Change Register (IPCR)
Aux. Control Register (ACR)
0
1
0
1
Interrupt Status Register (ISR)
Interrupt Mask Register (IMR)
0
1
1
0
Counter/Timer Upper (CTPU)
C/T Upper Preset Register (CTPU)
0
1
1
1
Counter/Timer Lower (CTPL)
C/T Lower Preset Register (CTPL)
1
0
0
0
Mode Register B (MR0 B, MR1 B, MR2 B)
Mode Register B (MR0 B, MR1 B, MR2 B)
1
0
0
1
Status Register B (SR B)
Clock Select Register B (CSR B )
1
0
1
0
Reserved
Command Register B (CR B)
1
0
1
1
Rx Holding Register B (RxFIFO B)
Tx Holding Register B (TxFIFO B)
1
1
0
0
IVR or general purpose register
IVR or general purpose register
1
1
0
1
Input Port (IPR) I/O(6:0) A
Output Port Confide. Register (OPCR) I/O(7:2) B
1
1
1
0
Start Counter Command (C/T 0)
Set Output Port Bits Command (SOPR) I/O(7:0) B
1
1
1
1
Stop Counter Command (C/T 0)
Reset output Port Bits Command (ROPR) I/O(7:0) B
NOTE: The three MR Registers are accessed via the MR Pointer and Commands 0x1n and 0xBn (where n = represents receiver and
transmitter enable bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com