Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L202 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 23Page - NXP Semiconductors SC28L202 Datasheet HTML 24Page - NXP Semiconductors SC28L202 Datasheet HTML 25Page - NXP Semiconductors SC28L202 Datasheet HTML 26Page - NXP Semiconductors SC28L202 Datasheet HTML 27Page - NXP Semiconductors SC28L202 Datasheet HTML 28Page - NXP Semiconductors SC28L202 Datasheet HTML 29Page - NXP Semiconductors SC28L202 Datasheet HTML 30Page - NXP Semiconductors SC28L202 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
21
SFSR(7:4) Reserved
SFSR(3) Status of loop back error check.
A “1” indicates a loop back error occurred, which will be entered for
interrupt arbitration.
It can be cleared by the processor by a write to this register with
D(3) equal to “1”.
SFSR(2:1) Certification of returned data as Valid (This feature
implies the transmitted data is being returned by the remote
receiver. )
Sets automatic checking of returned data. This mode stores
transmitted data and compares it to data returned from the remote
receiver. It is used where relative short delay times are available, up
to two characters in time . This mode will totally relieve the
processor of this task where certainty of transmission and reception
is required. The transmitted data is looped back by the remote
station with a half–bit time delay. The local transmitted data is
internally sent to the local receiver for comparison. An interrupt is
generated in the case of an error (data mismatch, parity or framing).
00 = The checking is disabled
01 = Return data is clocked in on rise of TxC
10 = Return data is clocked on of rise of TxCN
00 = Reserved
SFSR(0) Reserved
TRR Test and Revision Register.
TRR
Bit 7
Bit 6:0
Test 2
Revision Code
TRR(7) Test 2 Enable
Bypass divide by 16 counter in all TxC and RxC.
TRR [6:0] – Chip Revision Code
Indicates the revision of the chip. Initial code will be
0000000. The
revision code bits (6:0) are hard wired. The default setting of the test
bits is all zero.
STCR – Scan Test Control Register.
Addr
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
77
Memory Test
Scan Test
Iddq Test
STCR(0) Iddq Test – Turns off all pull–up devices on the I/O pins.
SES – System Enable Status Register, A and B
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Reserved
Transmitter
Enabled
Receiver
Enabled
Watch Dog
Timer
Address
Recognition
Xon
Xoff
Set to 0
Set to 0
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
This register reports the enabled status of the several sub systems in the DUART. These systems are sometimes controlled by the state
machines of the receiver FIFOs.
EOS – Enhanced Operation Status Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
I/O Port
Operation
Reserved
Counter/Timer
0 Clock Select
Channel B
Rx/Tx
Clock
Selection
Channel A
Rx/Tx
Clock
Selection
Channel B
FIFO
Interrupt Level
Control
Channel A FIFO
Interrupt Level
Control
0 = Default
1 = Enhanced
0 = Default
1 = Enhanced
0 = Default
1 = Enhanced
0 = Default
1 = Enhanced
0 = Default
1 = Enhanced
0 = Default
1 = Enhanced
This register reports the status of the Enhanced operation in several sub systems in the DUART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com