Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L202 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 6Page - NXP Semiconductors SC28L202 Datasheet HTML 7Page - NXP Semiconductors SC28L202 Datasheet HTML 8Page - NXP Semiconductors SC28L202 Datasheet HTML 9Page - NXP Semiconductors SC28L202 Datasheet HTML 10Page - NXP Semiconductors SC28L202 Datasheet HTML 11Page - NXP Semiconductors SC28L202 Datasheet HTML 12Page - NXP Semiconductors SC28L202 Datasheet HTML 13Page - NXP Semiconductors SC28L202 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
4
CONFIGURATION FOR 68XXX BUS INTERFACE (MOTOROLA)
Symbol
Pin
type
Name and Function
I/M
I
Bus Configuration: When low configures the bus interface to the Conditions shown in this table.
D0–D7
I/O
Data Bus: Bi–directional 3–State data bus used to transfer commands, data and status between the DUART and the
CPU. D0 is the least significant bit.
CSN
I
Chip Enable: Active–Low input signal. When Low, data transfers between the CPU and the DUART are enabled on
D0–D7 as controlled by the R/WN and A0–A6 inputs. When High, places the D0–D7 lines in the 3–State condition.
R/WN
I
Read/Write: Input Signal. When CSN is low R/WN high input a read cycle, when low a write cycle.
IACKN
I
Interrupt Acknowledge: Active low input indicates an interrupt acknowledge cycle. Usually asserted by the CPU in
response to an interrupt request. When asserted places the interrupt vector on the bus and asserts DACKN.
DACKN
O
Data Transfer Acknowledge: A 3–State active –low output asserted in a write, read, or interrupt acknowledge cycle to
indicate proper transfer of data between the CPU and the DUART.
A6–A0
I
Address Inputs: Select the DUART internal registers and ports for read/write operations.
RESETN
I
Reset: A low level clears internal registers (SR A , SR B, IMR, ISR, OPR, OPCR), places I/O[7:0] A and B at high
impedance input state, stops the counter/timer, and puts Channels A and B in the inactive state, with the TxD A and
TxD B outputs in the mark (High) state. Sets MR pointer to MR1, 9600 baud, 1 start, no parity and 1 stop bit(s). (See
Reset Table)
IRQN
O
Interrupt Request: Active–Low, open–drain, output which signals the CPU that one or more of the eighteen (18)
maskable interrupting conditions are true.
X1 / Sclk
I
Crystal 1: Crystal or external clock input. A crystal or clock of the specified limits must be supplied at all times. When
a crystal is used, a capacitor must be connected from this pin to ground (see Figure 9).
X2
O
Crystal 2: Connection for other side of the crystal. When a crystal is used, a capacitor must be connected from this
pin to ground (see Figure 9). If Sclk is driven from an external source, this pin must be left open.
RxD A
I
Channel A Receiver Serial Data Input: The least significant bit is received first. “Mark” is High; “space” is Low.
RxD B
I
Channel B Receiver Serial Data Input: The least significant bit is received first. “Mark” is High; “space” is Low.
TxD A
O
Channel A Transmitter Serial Data Output: The least significant bit is transmitted first. This output is held in the
“mark” condition when the transmitter is disabled, idle or when operating in local loop back mode. “Mark” is High;
“space” is Low.
TxD B
O
Channel B Transmitter Serial Data Output: The least significant bit is transmitted first. This output is held in the ‘mark’
condition when the transmitter is disabled, idle, or when operating in local loop back mode. ‘Mark’ is High; ‘space’ is
Low.
I/O[7:0]A
I/O
General–purpose input and output ports channel A: The character of these pins is controlled by I/OPCR. They may
be inputs or outputs and will present many internal clocks and interrupt signals: RTS, CTS, DTR, DSR etc. All have
change of state detectors and the input is always active. These pins are set to input only when addressed from the
low order 16 address space. When these pins are configured for interrupt type signals (RxRDY, TxRDY, C/TRDY)
They switch to open drain outputs.
I/O[7:0}B
I/O
General–purpose input and output ports channel B: The character of these pins is controlled by I/OPCR. They may
be inputs or outputs and will present many internal clocks and interrupt signals: RTS, CTS, DTR, DSR etc. All have
change of state detectors and the input is always active. These pins are set to output only when addressed from the
low order 16 address space. When these pins are configured for interrupt type signals (RxRDY, TxRDY, C/TRDY)
They switch to open drain outputs
Vcc
Power
Power Supply: +3.3 or +5V supply input
± 10% (4 Vcc Pins) ). Operation is assured from 2.97 to 5.5 volts. Timing
parameters are specified with respect to the Vcc being at 3.3 of 5.0 volts +/– 10%
Vss
Power
Ground (5 Vss Pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com