Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L202 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 7Page - NXP Semiconductors SC28L202 Datasheet HTML 8Page - NXP Semiconductors SC28L202 Datasheet HTML 9Page - NXP Semiconductors SC28L202 Datasheet HTML 10Page - NXP Semiconductors SC28L202 Datasheet HTML 11Page - NXP Semiconductors SC28L202 Datasheet HTML 12Page - NXP Semiconductors SC28L202 Datasheet HTML 13Page - NXP Semiconductors SC28L202 Datasheet HTML 14Page - NXP Semiconductors SC28L202 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
5
28L202
Pin Configurations
Pin
Function
Pin
Function
1
Vcc
29
CEN
2
Vss
30
WRN
3
A6
31
RDN
4
A5
32
TxDB
5
A4
33
I/O7B
6
A3
34
I/O6B
7
RxDA
35
I/O5B
8
RESET
36
I/O4B
9
D7
37
I/O3B
10
D6
38
I/O2B
11
D5
39
I/O1B
12
D4
40
I/O0B
13
Vcc
41
Vcc
14
NC
42
Vcc
15
Vss
43
Vss
16
Vss
44
Vss
17
D3
45
I/O7A
18
D2
46
I/O6A
19
D1
47
I/O5A
20
D0
48
I/O4A
21
I / M
49
I/O3A
22
RxDB
50
I/O2A
23
A2
51
I/O1A
24
A1
52
I/O0A
25
A0
53
TxDA
26
(IACKN)
54
IRQN
27
Vcc
55 X1 / SCLK
28
Vss
56
X2
80xxx
56 Pin TSSOP
68xxx
56 Pin TSSOP
Pin
Function
Pin
Function
1
Vcc
29
CEN
2
Vss
30
RWN
3
A6
31
DACKN
4
A5
32
TxDB
5
A4
33
I/O7B
6
A3
34
I/O6B
7
RxDA
35
I/O5B
8
RESETN 36
I/O4B
9
D7
37
I/O3B
10
D6
38
I/O2B
11
D5
39
I/O1B
12
D4
40
I/O0B
13
Vcc
41
Vcc
14
NC
42
Vcc
15
Vss
43
Vss
16
Vss
44
Vss
17
D3
45
I/O7A
18
D2
46
I/O6A
19
D1
47
I/O5A
20
D0
48
I/O4A
21
I / M
49
I/O3A
22
RxDB
50
I/O2A
23
A2
51
I/O1A
24
A1
52
I/O0A
25
A0
53
TxDA
26
IACKN
54
IRQN
27
Vcc
55 X1 / SCLK
28
Vss
56
X2
SD00691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com