Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L202 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 59Page - NXP Semiconductors SC28L202 Datasheet HTML 60Page - NXP Semiconductors SC28L202 Datasheet HTML 61Page - NXP Semiconductors SC28L202 Datasheet HTML 62Page - NXP Semiconductors SC28L202 Datasheet HTML 63Page - NXP Semiconductors SC28L202 Datasheet HTML 64Page - NXP Semiconductors SC28L202 Datasheet HTML 65Page - NXP Semiconductors SC28L202 Datasheet HTML 66Page - NXP Semiconductors SC28L202 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
57
AC CHARACTERISTICS1,2,3 (NOMINAL 5 VOLTS)
Vcc = 5v
± 10% Ta = – 40 to +85 _C unless otherwise specified
LIMITS4
Symbol
Parameter
Min
Typ
Max
UNIT
Reset timing (See Figure 3)
tRES
Reset Pulse Width
100
18
ns
Bus Timing5 (See Figure ___)
t*AS
A6–A0 setup time to RDN, WRN Low
10
6
ns
t*AH
A6–A0 hold time from RDN, WRN low
20
ns
t*CS
CEN setup time to RDN, WRN low
0
ns
t*CH
CEN Hold time from RDN. WRN Hi
0
ns
t*RW
WRN, RDN pulse width (Low time)
15
11
ns
t*DD
Data valid after RDN low (125 pf load) See loading table for smaller loads
15
40
ns
t*DA
RDN low to data bus active6
0
ns
t*DF
Data bus floating after RDN or CEN high
20
ns
t*DI
RDN or CEN high to data bus invalid7
0
ns
t*DS
Data bus setup time before WRN or CEN high (write cycle)
25
17
ns
t*DH
Data hold time after WRN high
0
–15
ns
t*RWD
High time between read and/or write cycles5,7
15
12
ns
Port Timing5 (See Figure 7)
t*PS
Port in setup time before RDN low (Read IP ports cycle)
0
–20
ns
t*PH
Port in hold time after RDN high
0
–20
ns
t*PD
OP port valid after WRN or CEN high (OPR write cycle)
40
60
ns
Interrupt Timing (See Figure 8)
INTRN (or I/O(7:3)B when used as interrupts) negated from:
Read RxFIFO (RxRDY/FFULL interrupt)
40
60
ns
Write TxFIFO (TxRDY interrupt)
40
60
ns
t*IR
Reset Command (delta break change interrupt)
40
60
ns
Stop C/T command (Counter/timer interrupt
40
60
ns
Read IPCR (delta input port change interrupt)
40
60
ns
Write IMR (Clear of change interrupt mask bit(s))
40
60
ns
Clock Timing (See Figure 9)
t*CLK
X1/CLK high or low time
30
20
ns
f*CLK
X1/CLK frequency (7.0 to 16.2 MHz with crystal)
1.0
14.7
50
MHz
f*CTC
C/T Clk (IP2) high or low time (C/T external clock input)
30
20
ns
f*CTC
C/T Clk (IP2) frequency8
0
MHz
t*RX
RxC high or low time (16X)
30
ns
f*RX
RxC Frequency (16X)
0
50
MHz
RxC Frequency (1x)8,9
0
3
MHz
t*TX
TxC High or low time (16X)
30
ns
f*TX
TxC frequency (16X)
50
MHz
TxC frequency (1X)8,9
0
3
MHz
Transmitter Timing (See Figure 12)
t*TXD
TxD output delay from TxC low (TxC input pin)
40
60
ns
t*TCS
Output delay from TxC output pin low to TxD data output
6
30
ns
Receiver Timing (See Figure 13)
t*RXS
RxD data setup time to RxC high
50
40
ns
t*RXH
RxD data hold time from RxC high
50
40
ns
68000 or Motorola bus timing (See Figure ___)
tDCR
DACKN Low (read cycle) from X1 High
15
20
ns
TDCW
DACKN Low (write cycle) from X1 High
15
20
ns
TDAH
DACKN High from CSN or IACKN high
8
10
ns
tDAT
DACKN High impedance from CSN or IACKN high
8
10
ns
tCSC
CSN or IACKN setup time to X1 high for minimum DACKN cycle
10
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com