Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L202 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 61Page - NXP Semiconductors SC28L202 Datasheet HTML 62Page - NXP Semiconductors SC28L202 Datasheet HTML 63Page - NXP Semiconductors SC28L202 Datasheet HTML 64Page - NXP Semiconductors SC28L202 Datasheet HTML 65Page - NXP Semiconductors SC28L202 Datasheet HTML 66Page - NXP Semiconductors SC28L202 Datasheet HTML 67Page - NXP Semiconductors SC28L202 Datasheet HTML 68Page - NXP Semiconductors SC28L202 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
59
DC ELECTRICAL CHARACTERISTICS1,2,3 (NOMINAL 3.3 VOLTS)
Vcc = 3.3v
± 10% Ta = – 40 to +85 _C unless otherwise specified
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
VIL
Input low voltage
0.65
0.2*Vcc
V
VIH
Input high voltage (X1/CLK)
0.8*Vcc
1.7
V
VOL
Output low voltage
IOL = 4 ma
0.2
0.4
V
VOH
Output high voltage (except OD outputs)4
IOH = –400 ua
Vcc–0.5
Vcc–0.2
v
IIX1PD
X1/CLK input current – power down
VIN = 0 to VCC
–0.5
0.05
+0.5
µA
IILX1
X1/CLK input low current – operating
VIN = 0
–80
0
µA
IIHX1
X1/CLK input high current – operating
VIN = VCC
0
80
µA
Ii
Input leakage current:
All except input port pins
Input port pins5
VIN = 0 to VCC
–0.5
0.05
+0.5
µA
VIN = 0 to VCC
–8
0.5
+0.5
µA
IOZH
Output off current high, 3–State data bus
VIN = VCC
0.5
µA
IOZL
Output off current low, 3–State data bus
VIN = 0V
–0.5
µA
IODL
Open–drain output low current in off–state
VIN = 0
–0.5
µA
IODH
Open–drain output high current in off–state
VIN = VCC
0.5
µA
ICC
Power supply current:6
Operating mode
CMOS input levels
25
ma
Power down mode7
CMOS input levels
≤1
5.0
µA
NOTES:
1. Parameters are valid over specified temperature range.
2. All voltage measurements are referenced to ground (GND). For testing, all inputs swing between 0.4V and 3.0V with a transition time of 5 ns
maximum. For X1/CLK this swing is between 0.4V and 4.4V. All time measurements are referenced at input voltages of 0.8V and 2.0V and
output voltages of 0.8V and 2.0V, as appropriate.
3. Typical values are at +25
_C, typical supply voltages, and typical processing parameters.
4. Test conditions for outputs: C L = 150 pF, except interrupt outputs. Test conditions for interrupt outputs: C L = 50 pF, R L = 2.7K ohm to VCC.
5. Input port pins have active pull up transistors that will source a typical 2
µA from Vcc when the input pins are at Vss. Input port pins at Vcc
source 0.0
µA
6. All outputs are disconnected. Inputs are switching between CMOS levels of VCC –0.2V and VSS + 0.2V.
7. See UART application note for power down currents of 10 ua or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com