Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L202 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 25Page - NXP Semiconductors SC28L202 Datasheet HTML 26Page - NXP Semiconductors SC28L202 Datasheet HTML 27Page - NXP Semiconductors SC28L202 Datasheet HTML 28Page - NXP Semiconductors SC28L202 Datasheet HTML 29Page - NXP Semiconductors SC28L202 Datasheet HTML 30Page - NXP Semiconductors SC28L202 Datasheet HTML 31Page - NXP Semiconductors SC28L202 Datasheet HTML 32Page - NXP Semiconductors SC28L202 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
23
MR1 – Mode Register 1, A and B
MR1 can be accessed directly at H’21” and H’29” in the Extended section of the address map, or by means of the “MR Pointers” at the 0x00
and 0x08 address pointers used by legacy code.
Bit 7
Bit 6
Bit 5
Bit 4:3
Bit 2
Bit 1:0
RxRTS Control
See Tables in MR0
description
Error Mode
Parity Mode
Parity Type
Bits per
Character
0 = off
1 = on
0 = Character
1 = Block
(entry or exit)
00 = With Parity
01 = Force parity
10 = No parity
11 = Multi drop Special Mode
0 = Even
1 = Odd
00 = 5
01 = 6
10 = 7
11 = 8
MR1[7] – Receiver Request to Send (hardware flow control)
This bit controls the deactivation of the RTSN output (I/O2) by the
receiver. The I/O2 output is asserted and negated by commands
applied via the command register or through the setting of the OPR
register bits. MR1[7] = 1 enables the receiver state machine to
controls the sate of the I/O2 (where the RTSN function is assigned)
to be automatically negated (driven high) upon receipt of a valid start
bit if the receiver FIFO is 240 full or greater. (for 8–byte mode the
FIFO full signal is used) RTSN is reasserted when the FIFO fill level
falls below 240 filled FIFO positions. This constitutes a change from
previous members of Philips (Signets)’ UART families where the
RTSN function triggered on FIFO full. This behavior caused
problems with PC UARTs that could not stop transmission at the
proper time.
NOTE: When the FIFO is set to an 8–byte depth the RTSN signaling
is triggered on position 8 of the FIFO
The RTSN feature can be used to prevent overrun in the receiver, by
using the RTSN output signal, to control the CTSN (see MR2(4)
description) input of the transmitting device. It is not recommend to
use the hardware flow control and the “in–band” (Xon/Xoff) flow
control at the same time although the DUART hardware will allow it.
To use the RTSN function:
1. Set MR1(7) to 1
2. Set I/O0 B or I/O1 B as appropriate to logical 0
3. Enable receiver
MR1[6] – Receiver interrupt control bit 1.
See description under MR0 [6]. (Writing to this register will reset the
RxFIFO interrupt to the bit configuration of MR0 and MR1. Reading
has no effect.)
*** change in MR in legacy section – at MR0 also***
MR1 [5] – Error Mode Select and sub modes
This bit selects the operating mode of the three FIFOed status bits
(FE, PE, and received break). In the character mode, status is
provided on a character by character basis; the status applies only
to the character at the output of the FIFO.
In the block mode, the status provided in the SR for these bits is the
accumulation (logical OR) of the status for all characters coming to
the output of the FIFO, since the last reset error command was
issued.
The Block Error mode has two–sub mode. These modes are
controlled by the command register. The error is “accumulated” (as
described above) at either the entry of the data in to the FIFO or on
the exit (read of the FIFO). Of the two the setting of the error on the
entry of the data into the FIFO gives the earliest warning of error
data.
MR1[4:3] – Parity Mode Select
If ’with parity’ or ’force parity’ is selected, a parity bit is added to the
transmitted character and the receiver performs a parity check on
incoming data. MR1[4:3] = 11 selects the channel to operate in the
special wake up mode.
MR1[2] – Parity Type Select
This bit sets the parity type (odd or even) if the ’with parity’ mode is
programmed by MR1[4:3], and the polarity of the forced parity bit if
the ’force parity’ mode is programmed it has no effect if the ’no
parity’ mode is programmed. In the special ’wake up’ mode, it
selects the polarity of the A/D bit. The parity bit is used to an
address or data byte in the ’wake up’ mode.
MR1[1:0] – Bits per Character Select
This field selects the number of data bits per character to be
transmitted and received. This number does not include the start,
parity, or stop bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com