Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCL540C01 Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # DCL540C01
Description  HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DCL540C01 Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button DCL540C01 Datasheet HTML 23Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 24Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 25Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 26Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 27Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 28Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 29Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 30Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 31Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
DCL540x01,DCL541x01
29
2023-04-27
Rev.1.3
© 2021-2023
Toshiba Electronic Devices & Storage Corporation
14. Application Note
14-1. Eye diagram
The following figure shows typical eye diagrams of DCL541xx01 at the maximum data rate of
150Mbps with pseudorandom bit sequences (PRBS), supply voltage 3.0 V for reference only.
Fig.14-1
DCL541A01 Eye diagram at 150Mbps
14-2. PCB layout
A ceramic capacitor (0.1 μF) should be connected between pin 1 (VDD1) and pin 2 (GND1) for VDD1
and between pin 16 (VDD2) and pin 15 (GND2) for VDD2, and it should be the layout on the IC as
close as possible (less than 10mm). Otherwise, the IC may not operate properly.
Fig.14-2
Recommended Printed Circuit Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com