Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCL540C01 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # DCL540C01
Description  HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DCL540C01 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button DCL540C01 Datasheet HTML 4Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 5Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 6Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 7Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 8Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 9Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 10Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 11Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
DCL540x01,DCL541x01
8
2023-04-27
Rev.1.3
© 2021-2023
Toshiba Electronic Devices & Storage Corporation
9. Electrical Characteristics
9.1. Electrical Characteristics
– 5V Supply
All typical specifications are at Ta=25 °C、VDD1=VDD2=5 V. Minimum/maximum specifications apply over the entire
recommended operating range of 4.5 V≤VDD1≤5.5 V, 4.5 V≤VDD2≤5.5 V, and -40 °C≤Ta≤110 °C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
Fig.
SYMBOL
MIN
TYP.
MAX
UNIT
DC SPECIFICATIONS
Under voltage Lockout
Threshold when supply
voltage is rising
12-1
VDDxUV+
-
2.1
2.25
V
Threshold when supply
voltage is falling
VDDxUV-
1.7
1.9
-
Supply voltage hysteresis
VDDxUVH
0.1
0.2
-
Output Voltage
Logic High
VIx=H , IOH=-20 μA
12-2
VOH
VDDO(1)-0.1
VDDO(1)
-
V
VIx=H , IOH=-4 mA
VDDO(1)-0.4
VDDO(1)-0.2
-
Output Voltage
Logic Low
VIx=L , IOL =20 μA
12-2
VOL
-
0.0
0.1
V
VIx=L , IOL =4 mA
-
0.2
0.4
Output impedance
-
12-2
ZO
-
50
-
Ω
High-level input voltage
-
12-3
VIH
0.7*VDDI(1)
-
-
V
Low-level input voltage
-
12-3
VIL
-
-
0.3*VDDI(1)
V
Input Voltage Hysteresis
-
12-3
VHYS
-
0.37
-
V
Input Current
VI= VDDI(1) or 0 V
-
II
-
-
±10
μA
SWITCHING SPECIFICATIONS
Data Rate
-
-
tbps
DC
-
150
Mbps
Pulse Width
-
-
PW
6.6
-
-
ns
Propagation Delay
50 kHz,Duty=50 %,
tr=tf=2 ns,CL=15 pF
12-4
tPHL , tPLH
-
10.9
18.3
ns
Pulse Width Distortion
|tPHL – tPLH|
12-4
PWD
-
0.8
2.8
ns
Propagation Delay Skew
(Between any two units)
Note (2)
-
tPSK
-
-
10
ns
Channel Matching
Same Direction
12-4
tskCD
-
-
3.2
ns
Opposing Direction
12-4
tskOD
-
-
3.6
Output Rise Time
10 % - 90 %
12-4
tr
-
0.9
-
ns
Output Fall Time
90 % - 10 %
12-4
tf
-
0.9
-
ns
Enable 3-state output
enable time
50 kHz, Duty=50 %,
tr=tf=2 ns,CL=15 pF
Note (3)
12-5
tpZL , tpZH
-
-
15.0
ns
Enable 3-state output
disable time
12-5
tpLZ , tpHZ
-
-
18.0
ns
Disable output enable time
50 kHz, Duty=50 %,
tr=tf=2 ns,CL=15 pF
12-6
tp_EN ,
-
-
23.0
ns
Disable output disable time
12-6
tp_DIS
-
-
23.0
ns
Common mode transient
immunity
VI= VDDI or 0 V,
VCM=1500 V, Ta=25 °C
12-7
CMTI
100
-
-
kV/μs
Note (1) VDDI=Input-side VDDx , VDDO=Output-side VDDx
Note (2) Propagation delay difference (between parts) is applied under the same operating conditions
(power supply voltage. input current, temperature conditions, etc)..
Note (3) When EN2 signal is changed from Low to High or OPEN, the output signal(VOx) is valid after the output enable
time. The output signal(VOx) within the output enable time is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com