Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCL540C01 Datasheet(PDF) 30 Page - Toshiba Semiconductor

Part # DCL540C01
Description  HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DCL540C01 Datasheet(HTML) 30 Page - Toshiba Semiconductor

Back Button DCL540C01 Datasheet HTML 23Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 24Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 25Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 26Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 27Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 28Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 29Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 30Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 31Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
DCL540x01,DCL541x01
30
2023-04-27
Rev.1.3
© 2021-2023
Toshiba Electronic Devices & Storage Corporation
15. Package Information
Implementation category
Surface Mount
Pin Number
16
Weight (g)
0.426 (Typical)
Package Dimension
Width × Length × Height
(mm)
10.3 × 10.0 × 2.45 (Typical)
Package Dimension(mm)
/
Land Pattern Example
(mm)
Package Dimension
Land Pattern Dimensions (for reference only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com