Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCL540C01 Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # DCL540C01
Description  HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DCL540C01 Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button DCL540C01 Datasheet HTML 10Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 11Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 12Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 13Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 14Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 15Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 16Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 17Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
DCL540x01,DCL541x01
14
2023-04-27
Rev.1.3
© 2021-2023
Toshiba Electronic Devices & Storage Corporation
10.Insulation Specifications
PARAMETER
Symbol
TEST CONDITIONS
VALUE
UNIT
Minimum External Clrearance
CLR
-
8
mm
Minimum External Creepage
CPG
-
8
mm
Distance Through The Insulation
DTI
-
17
μm
Comparative Tracking Index
CTI
-
400
V
Material Group
-
According to IEC 60664-1
II
-
Overvoltage Category Per
IEC 60664-1
-
Related Mains Voltage ≤ 300 VRMS
I-IV
-
-
Related Mains Voltage ≤ 600 VRMS
I-IV
-
-
Related Mains Voltage ≤ 1000 VRMS
I-III
-
DIN VDE V 0884-11(VDE V 0884-11)
Maximum Repititive Peak Isolation
Voltage
VIORM
AC voltage (bipolar)
1414
VPK
Maximum Transient Isolation
Voltage
VIOTM
VTEST = VIOTM, t = 60 s (qualification) ,
VTEST= VIOTM, t = 1 s (100 % production)
8000
VPK
Maximum surge isolation
voltage
VIOSM
Test method per IEC 60065,
1.2/50 μs waveform,
VTEST = 1.6 × VIOSM (qualification)
8000
VPK
Apparent charge measuring
voltage
Vpd(m)
Method A, After Input/Output safety test subgroup2&3,
VIORM × 1.2 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
1697
VPK
Method A, After environmental tests subgroup 1,
VIORM × 1.6 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
2263
Method B2; At routine test (100 % production) and
preconditioning (type test)
VIORM × 1.875 = Vpd (m), 100 % production test,
tini = tm = 1 sec, partial discharge < 5 pC
2652
Barrier capacitance, input to output
CIO
f = 1MHz
1.5
pF
Input Capacitance
CI
VIx
1.8
pF
Isolation Resistance
RIO
VIO = 500 V, TA = 25 °C
>1012
Ω
VIO = 500 V, 100 °C ≤ TA ≤ 110 °C
>1011
VIO = 500 V at TS = 150 °C
>109
Pollution Degree
-
-
2
-
Climaic Category
-
-
40/110/21
-
UL 1577
Maximum Withstanding Isolation
Voltage
VISO
VTEST = VISO , t = 60 s (qualification),
VTEST = 1.2 × VISO , t = 1 s (100 % production)
5000
VRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com