Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCL540C01 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # DCL540C01
Description  HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DCL540C01 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  DCL540C01 Datasheet HTML 1Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 2Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 3Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 4Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 5Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 6Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 7Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 8Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
DCL540x01,DCL541x01
1
2023-04-27
Rev.1.3
© 2021-2023
Toshiba Electronic Devices & Storage Corporation
HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
DCL540x01,DCL541x01
DCL540C01/DCL540D01/DCL540L01/DCL540H01/DCL541A01/DCL541B01
1.
Applications
• Industrial automation systems
• Motor control
• Inverter
• Switching power supply
2. Description
DCL540C01/DCL540D01/DCL540L01/DCL540H01/DCL541A01/DCL541B01 are high-speed quad-channel
digital isolators. Outstanding performance characteristics are achieved by Toshiba CMOS technology and
the magnetic coupling structure. In addition, they comply with UL 1577 and has a 5000Vrms rating as an
isolation voltage. These products can operate with a temperature range of -40 to 110 °C and a wide supply
voltage of 2.25 to 5.5 V.
3. Features
Data rate
: Up to 150 Mbps
Supply voltage
:
2.25 V to 5.5 V
Temperature Range
: –40 °C to 110 °C
Propagation Delay
:10.9 ns Typical (5.0 V operation)
Default Output
: High and Low Options
High CMTI(min)
: ±100 kV/μs
Withstand Voltage
: 5 kVrms
Package
: 16pin SOIC Wide body
Safety-Related Certification
:
UL : UL1577, File No. E519997
cUL : CSA Component Acceptance Service Notice No. 5A, File No. E519997
VDE : DIN VDE V 0884-11(VDE V 0884-11) Certificate No. 40055132
CQC : GB 4943.1-2022 Certificate No. CQC22001345018


Similar Part No. - DCL540C01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DCL541H01 TOSHIBA-DCL541H01 Datasheet
951Kb / 26P
HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
2023-06-07 Rev.1.0
DCL541L01 TOSHIBA-DCL541L01 Datasheet
951Kb / 26P
HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
2023-06-07 Rev.1.0
DCL542H01 TOSHIBA-DCL542H01 Datasheet
951Kb / 26P
HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
2023-06-07 Rev.1.0
DCL542L01 TOSHIBA-DCL542L01 Datasheet
951Kb / 26P
HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
2023-06-07 Rev.1.0
DCL54XX01 TOSHIBA-DCL54XX01 Datasheet
951Kb / 26P
HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
2023-06-07 Rev.1.0
More results

Similar Description - DCL540C01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI-ISO7240CF_10 Datasheet
801Kb / 27P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
HIGH SPEED QUAD DIGITAL ISOLATORS
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
REV. D
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
High-Speed, Quad-Channel Digital Isolators
ISO7240CF-Q1 TI1-ISO7240CF-Q1_13 Datasheet
1Mb / 27P
HIGH-SPEED QUAD DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com