Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCL540C01 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # DCL540C01
Description  HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DCL540C01 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button DCL540C01 Datasheet HTML 3Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 4Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 5Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 6Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 7Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 8Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 9Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 10Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
DCL540x01,DCL541x01
7
2023-04-27
Rev.1.3
© 2021-2023
Toshiba Electronic Devices & Storage Corporation
7. Absolute Maximum Ratings
(Ta = 25 °C)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Power supply voltage
VDD1, VDD2
-0.5
6.0
V
Input Voltage
VI
-0.5
VDDX+0.5(1)
V
Output Voltage
VO
-0.5
VDDX+0.5(1)
V
Output Current
IO
-15
15
mA
Storage Temperature
Tstg
-65
150
°C
Operating Temperature
Topr
-40
110
°C
Soldering Temperature (10 s)
Tsol
-
260
°C
Maximum Withstanding Isolation Voltage
(1 min.)
BVS
5000
-
Vrms
Note(1): Maximum voltage must not exceed 6 V. X = 1 or 2.
8. Recommended Operating Conditions (Note)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Power supply voltage
VDD1, VDD2
2.25
5.5
V
Junction Temperature
TJ
-40
150
°C
Ambient Temperature
Ta
-40
110
°C
Note: The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this data sheet should also be considered.
Note: A ceramic capacitor (0.1 μF) should be connected between pin 1 (VDD1) and pin 2 (GND1) for VDD1 and
between pin 16 (VDD2) and pin 15 (GND2) for VDD2, and should be the layout on the IC as close as possible
(less than 10 mm).
Otherwise, the IC may not switch properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com