Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCL540C01 Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # DCL540C01
Description  HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DCL540C01 Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button DCL540C01 Datasheet HTML 11Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 12Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 13Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 14Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 15Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 16Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 17Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 18Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
DCL540x01,DCL541x01
15
2023-04-27
Rev.1.3
© 2021-2023
Toshiba Electronic Devices & Storage Corporation
11.Safety Limiting Values
PARAMETER
Symbol
TEST CONDITIONS
Value
Unit
Safety Input, Output Or Supply
Current
IS
VDD1=VDD2=5.5 V, Tj=150 °C, Ta=25 °C
284
mA
VDD1=VDD2=3.6 V, Tj=150 °C, Ta=25 °C
434
mA
VDD1=VDD2=2.75 V, Tj=150 °C, Ta=25 °C
568
mA
Safety Input, Output Or Total Power
PS
Tj=150 °C, Ta=25 °C
1562
mW
Maximum Safety Temperature
TS
-
150
°C
Fig. 11-1. Thermal Derating Curve for Safety Limiting CurrentーTa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com