Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCL540C01 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # DCL540C01
Description  HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DCL540C01 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  DCL540C01 Datasheet HTML 1Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 2Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 3Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 4Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 5Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 6Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 7Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 8Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
DCL540x01,DCL541x01
5
2023-04-27
Rev.1.3
© 2021-2023
Toshiba Electronic Devices & Storage Corporation
6. Functional Description
(1) DCL540C01/ DCL540D01
VDD1
VDD2
INPUT
(Vix)
OUTPUT
(VOx)
COMMENTS
PU
PU
L
L
Normal Operation
H
H
OPEN
Default
Default mode
DCL540C01=L , DCL540D01=H
PD
L or OPEN
PU
PD
X
Undetermined
When VDD2 is unpowered, a channel output is undetermined.
PD
L or OPEN
PD
X
H
-
Don’t use, since a certain voltage will be output through the
internal ESD circuit.
PU= Powered up (VDD≥2.25 V), PD= Powered down (VDD≤1.7 V), H= High level, L= Low level, X= Don’t care
(2) DCL540L01/ DCL540H01
VDD1
VDD2
OUTPUT
ENABLE
(EN2)
INPUT
(VIx)
OUTPUT
(VOx)
COMMENTS
PU
PU
H or OPEN
L
L
Normal Operation
H
H
OPEN
Default
Default mode
DCL540L01=L , DCL540H01=H
L
X
Z
Output Disable mode
PD
PU
H or OPEN
L or OPEN
Default
Default mode
DCL540L01=L , DCL540H01=H
L
Z
Output Disable mode
X
X
H
-
Don’t use, since a certain voltage will be
output through the internal ESD circuit.
PU
PD
L or OPEN
X
Undetermined
When VDD2 is unpowered, a channel output
is undetermined.
PD
L or OPEN
X
H
X
-
Don’t use, since a certain voltage will be
output through the internal ESD circuit.
PU= Powered up (VDD≥2.25 V), PD= Powered down (VDD≤1.7 V), H= High level, L= Low level, X= Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com