Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCL540C01 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # DCL540C01
Description  HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DCL540C01 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button DCL540C01 Datasheet HTML 9Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 10Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 11Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 12Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 13Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 14Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 15Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 16Page - Toshiba Semiconductor DCL540C01 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
DCL540x01,DCL541x01
13
2023-04-27
Rev.1.3
© 2021-2023
Toshiba Electronic Devices & Storage Corporation
9.6. S
upply Current Characteristics – 2.5 V Supply
All typical specifications are at Ta=25 °C、VDD1=VDD2=2.5 V. Minimum/maximum specifications apply over the entire
recommended operating range of 2.25 V≤VDD1≤2.75 V, 2.25 V≤VDD2≤2.75 V, and -40 °C≤Ta≤110 °C, unless otherwise
noted
(1) DCL540x01
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP.
MAX
UNIT
Supply Current
( DC Signal )
VI=0(DCL541A01) ,
VI=1(DCL541B01)
IDD1(Q)
-
1.9
2.8
mA
IDD2(Q)
-
4.9
7.0
mA
VI=0(DCL541B01) ,
VI=1(DCL541A01)
IDD1(Q)
-
19.3
27.6
mA
IDD2(Q)
-
5.2
7.3
mA
1 Mbps
fCLK=50 MHz, duty=50 % cycle square wave.
CL=15 pF
IDD1(1)
-
11.0
16.6
mA
IDD2(1)
-
5.2
7.7
mA
25 Mbps
fCLK=500 kHz, duty=50 % cycle square wave.
CL=15 pF
IDD1(25)
-
10.4
15.8
mA
IDD2(25)
-
7.5
11.6
mA
100 Mbps
fCLK=12.5 MHz, duty=50 % cycle square wave.
CL=15 pF
IDD1(100)
-
11.5
16.3
mA
IDD2(100)
-
13.6
25.8
mA
(2) DCL541x01
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP.
MAX
UNIT
Supply Current
( DC Signal )
VI=0(DCL541A01) ,
VI=1(DCL541B01)
IDD1(Q)
-
2.9
4.1
mA
IDD2(Q)
-
4.5
6.4
mA
VI=0(DCL541B01) ,
VI=1(DCL541A01)
IDD1(Q)
-
16.4
22.2
mA
IDD2(Q)
-
10.0
13.9
mA
1 Mbps
fCLK=500 kHz, duty=50 % cycle square wave.
CL=15 pF
IDD1(1)
-
9.8
14.8
mA
IDD2(1)
-
7.4
9.5
mA
25 Mbps
fCLK=12.5 MHz, duty=50 % cycle square wave.
CL=15 pF
IDD1(25)
-
10.4
16.1
mA
IDD2(25)
-
9.2
12.2
mA
100 Mbps
fCLK=50 MHz, duty=50 % cycle square wave.
CL=15 pF
IDD1(100)
-
13.1
18.2
mA
IDD2(100)
-
14.3
24.1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com