| Electronic Components Datasheet Search |
|
LLCC68 Datasheet(PDF) 35 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
LLCC68 Datasheet(HTML) 35 Page - Semtech Corporation |
|
35 / 106 page ![]() LLCC68 Data Sheet Rev. 1.0 DS.LLCC68.W.APP July 2019 35 of 106 Semtech www.semtech.com 6.1.2 LoRa® Packet Engine LoRa® has it own packet engine that supports the LoRa® PHY as described in the following section. 6.1.3 LoRa® Frame The LoRa® modem employs two types of packet formats: explicit and implicit. The explicit packet includes a short header that contains information about the number of bytes, coding rate and whether a CRC is used in the packet. The packet format is shown in the following figure. Figure 6-2: LoRa® Packet Format The LoRa® packet starts with a preamble sequence which is used to synchronize the receiver with the incoming signal. By default the packet is configured with a 12-symbol long sequence. This is a programmable variable so the preamble length may be extended; for example, in the interest of reducing the receiver duty cycle in receive intensive applications. The transmitted preamble length may vary from 10 to 65535 symbols, once the fixed overhead of the preamble data is considered. This permits the transmission of near arbitrarily long preamble sequences. The receiver undertakes a preamble detection process that periodically restarts. For this reason the preamble length should be configured as identical to the transmitter preamble length. Where the preamble length is not known, or can vary, the maximum preamble length should be programmed on the receiver side. The preamble is followed by a header which contain information about the following payload. The packet payload is a variable-length field that contains the actual data coded at the error rate either as specified in the header in explicit mode or as selected by the user in implicit mode. An optional CRC may be appended. Depending upon the chosen mode of operation two types of header are available. 6.1.3.1 Explicit Header Mode This is the default mode of operation. Here the header provides information on the payload, namely: • The payload length in bytes • The forward error correction coding rate • The presence of an optional 16-bit CRC for the payload The header is transmitted with maximum error correction code (4/8). It also has its own CRC to allow the receiver to discard invalid headers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |