Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC68 Datasheet(PDF) 80 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 80 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 76Page - Semtech Corporation LLCC68 Datasheet HTML 77Page - Semtech Corporation LLCC68 Datasheet HTML 78Page - Semtech Corporation LLCC68 Datasheet HTML 79Page - Semtech Corporation LLCC68 Datasheet HTML 80Page - Semtech Corporation LLCC68 Datasheet HTML 81Page - Semtech Corporation LLCC68 Datasheet HTML 82Page - Semtech Corporation LLCC68 Datasheet HTML 83Page - Semtech Corporation LLCC68 Datasheet HTML 84Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
80 of 106
Semtech
www.semtech.com
13.4.5 SetModulationParams
The command SetModulationParams(...) is used to configure the modulation parameters of the radio. Depending on the
packet type selected prior to calling this function, the parameters will be interpreted differently by the chip.
The meaning of the parameter depends on the selected protocol.
In FSK bitrate (BR) and Frequency Deviation (Fdev) are used for the transmission or reception. Bandwidth is used for
reception purpose. The pulse represents the Gaussian filter used to filter the modulation stream on the transmitter side.
In LoRa® packet type, SF corresponds to the Spreading Factor used for the LoRa® modulation. SF is defined by the parameter
Param[1]
. BW corresponds to the bandwidth onto which the LoRa® signal is spread. BW in LoRa® is defined by the parameter
Param[2]
.
The LoRa® payload is fit with a forward error correcting mechanism which has several levels of encoding. The Coding Rate
(CR) is defined by the parameter Param[3] in LoRa®.
The parameter LdOpt corresponds to the Low Data Rate Optimization (LDRO). This parameter is usually set when the LoRa®
symbol time is equal or above 16.38 ms, but can be used if necessary in other situations. See Section 6.1.1.4 "Low Data Rate
Optimization" on page 34.
13.4.5.1 GFSK Modulation Parameters
The tables below provide more details on the GFSK modulation parameters:
The bit rate is entered with the parameter br which is related to the frequency of the main oscillator (32 MHz). The bit rate
range is from 600 b/s up to 300 kb/s with a default value at 4.8 kb/s.
Table 13-42: SetModulationParams SPI Transaction
Byte
0
1
2
3
4
5
6
7
8
Data from host for
Modulation Params
Opcode
0x8B
Mod
Param1
Mod
Param2
Mod
Param3
Mod
Param4
Mod
Param5
Mod
Param6
Mod
Param7
Mod
Param8
Table 13-43: GFSK ModParam1, ModParam2 & ModParam3 - br
BR(23:0)
Description
0x000001 to 0xFFFFFF
br = 32 * Fxtal / bit rate
Table 13-44: GFSK ModParam4 - PulseShape
PulseShape
Description
0x00
No Filter applied
0x08
Gaussian BT 0.3
0x09
Gaussian BT 0.5
0x0A
Gaussian BT 0.7
0x0B
Gaussian BT 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com