Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC68 Datasheet(PDF) 74 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 74 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 70Page - Semtech Corporation LLCC68 Datasheet HTML 71Page - Semtech Corporation LLCC68 Datasheet HTML 72Page - Semtech Corporation LLCC68 Datasheet HTML 73Page - Semtech Corporation LLCC68 Datasheet HTML 74Page - Semtech Corporation LLCC68 Datasheet HTML 75Page - Semtech Corporation LLCC68 Datasheet HTML 76Page - Semtech Corporation LLCC68 Datasheet HTML 77Page - Semtech Corporation LLCC68 Datasheet HTML 78Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
74 of 106
Semtech
www.semtech.com
13.3 DIO and IRQ Control Functions
13.3.1 SetDioIrqParams
This command is used to set the IRQ flag.
13.3.2 IrqMask
The IrqMask masks or unmasks the IRQ which can be triggered by the device. By default, all IRQ are masked (all ‘0’) and the
user can enable them one by one (or several at a time) by setting the corresponding mask to ‘1’.
13.3.2.1 DioxMask
The interrupt causes a DIO to be set if the corresponding bit in DioxMask and the IrqMask are set. As an example, if bit 0 of
IrqMask is set to 1 and bit 0 of DIO1Mask is set to 1 then, a rising edge of IRQ source TxDone will be logged in the IRQ register
and will appear at the same time on DIO1.
One IRQ can be mapped to all DIOs, one DIO can be mapped to all IRQs (an OR operation is done) but some IRQ sources will
be available only on certain modes of operation and frames.
In total there are 10 possible interrupt sources depending on the chosen frame and chip mode. Each one of them can be
enabled or masked. In addition, every one of them can be mapped to DIO1, DIO2 or DIO3. Note that if DIO2 or DIO3 are used
to control the RF Switch or the TCXO, the IRQ will not be generated even if it is mapped to the pins.
Table 13-28: SetDioIrqParams SPI Transaction
Byte
0
1-2
3-4
5-6
7-8
Data from host
SetDioIrqParams
(0x08)
Irq Mask(15:0)
DIO1Mask(15:0)
DIO2Mask(15:0)
DIO3Mask(15:0)
Table 13-29: IRQ Registers
Bit
IRQ
Description
Modulation
0
TxDone
Packet transmission completed
All
1
RxDone
Packet received
All
2
PreambleDetected
Preamble detected
All
3
SyncWordValid
Valid sync word detected
FSK
4
HeaderValid
Valid LoRa header received
LoRa®
5
HeaderErr
LoRa header CRC error
LoRa®
6
CrcErr
Wrong CRC received
All
7
CadDone
Channel activity detection finished
LoRa®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com