Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC68 Datasheet(PDF) 16 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 12Page - Semtech Corporation LLCC68 Datasheet HTML 13Page - Semtech Corporation LLCC68 Datasheet HTML 14Page - Semtech Corporation LLCC68 Datasheet HTML 15Page - Semtech Corporation LLCC68 Datasheet HTML 16Page - Semtech Corporation LLCC68 Datasheet HTML 17Page - Semtech Corporation LLCC68 Datasheet HTML 18Page - Semtech Corporation LLCC68 Datasheet HTML 19Page - Semtech Corporation LLCC68 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
16 of 106
Semtech
www.semtech.com
3.5.1 Power Consumption
Table 3-5: Power Consumption
Symbol
Mode
Conditions
Min
Typ
Max
Unit
IDDOFF
OFF mode
(SLEEP mode
with cold start1)
1. Cold start is equivalent to the device at POR or when the device is waking up from Sleep mode with all blocks OFF, see Section 13.1.1 "SetSleep"
on page 62
All blocks off
-
160
-
nA
IDDSL
SLEEP mode
(SLEEP mode
with warm start 2)
2. Warm start is only happening when device is woken from Sleep mode with its configuration retained, see Section 13.1.1 "SetSleep" on page 62
Configuration retained
Configuration retained + RC64k
-
-
600
1.2
-
-
nA
A
IDDSBR
STDBY_RC mode
RC13M, XOSC OFF
-
0.6
-
mA
IDDSBX
STDBY_XOSC mode
XOSC ON
-
0.8
-
mA
IDDFS
Synthesizer mode
DC-DC mode used
LDO mode used
-
-
2.1
3.55
-
-
mA
mA
IDDRX
Receive mode
DC-DC mode used
FSK 4.8 kb/s
LoRa® 125 kHz
Rx Boosted3, FSK 4.8 kb/s
Rx Boosted, LoRa® 125 kHz
3. For more details on how to set the device in Rx Boosted gain mode, see Section 9.6 "Receive (RX) Mode" on page 53
-
-
-
-
4.2
4.6
4.8
5.3
-
-
-
-
mA
mA
mA
mA
LoRa® 125 kHz, VBAT = 1.8 V
-
8.2
-
mA
Receive mode
LDO mode used
FSK 4.8 kb/s
LoRa® 125 kHz
Rx Boosted, FSK 4.8 kb/s
Rx Boosted, LoRa® 125 kHz
-
-
-
-
8
8.8
9.3
10.1
-
-
-
-
mA
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com