Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC68 Datasheet(PDF) 52 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 52 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 48Page - Semtech Corporation LLCC68 Datasheet HTML 49Page - Semtech Corporation LLCC68 Datasheet HTML 50Page - Semtech Corporation LLCC68 Datasheet HTML 51Page - Semtech Corporation LLCC68 Datasheet HTML 52Page - Semtech Corporation LLCC68 Datasheet HTML 53Page - Semtech Corporation LLCC68 Datasheet HTML 54Page - Semtech Corporation LLCC68 Datasheet HTML 55Page - Semtech Corporation LLCC68 Datasheet HTML 56Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
52 of 106
Semtech
www.semtech.com
In case of POR or when the device is recovering from Sleep mode in cold start mode, the image calibration is performed as
part of the initial calibration process and for optimal image rejection in the band 902 - 928 MHz. However at this stage the
internal state machine has no information whether an XTAL or a TCXO is fitted. When the 32 MHz clock is coming from a
TCXO, the calibration will fail and the user should request a complete calibration after calling the function
SetDIO3AsTcxoCtrl(...).
By default, the image calibration is made in the band 902 - 928 MHz. Nevertheless, it is possible to request the device to
perform a new image calibration at other frequencies.
Note:
Contact your Semtech representative for the other optimal calibration settings outside of the given frequency bands.
9.3 Sleep Mode
In this mode, most of the radio internal blocks are powered down or in low power mode and optionally the RC64k clock
and the timer are running. The chip may enter this mode from STDBY_RC and can leave the SLEEP mode if one of the
following events occurs:
•
NSS pin goes low in any case
•
RTC timer generates an End-Of-Count (corresponding to Listen mode)
When the radio is in Sleep mode, the BUSY pin is held high.
9.4 Standby (STDBY) Mode
In standby mode the host should configure the chip before going to RX or TX modes. By default in this state, the system is
clocked by the 13 MHz RC oscillator to reduce power consumption (in all other modes except SLEEP the XTAL is turned ON).
However if the application is time critical, the XOSC block can be turned or left ON.
XOSC or RC13M selection in standby mode is determined by mode parameter in the command SetStandby(...).
The mode where only RC13M is used is called STDBY_RC and the one with XOSC ON is called STDBY_XOSC.
If DC-DC is to be used, the selection should be made while the circuit is in STDBY_RC mode by using the
SetRegulatorMode(...) command, then the DC-DC will automatically switch ON when entering STDBY_XOSC mode. The
DC-DC will be clocked by the RC13M. The LDO will remain active with a target voltage 50 mV lower than the DC-DC one.
Table 9-2: Image Calibration Over the ISM Bands
Frequency Band [MHz]
Freq1
Freq2
430 - 440
0x6B
0x6F
470 - 510
0x75
0x81
779 - 787
0xC1
0xC5
863 - 870
0xD7
0xDB
902 - 928
0xE1 (default)
0xE9 (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com