Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC68 Datasheet(PDF) 87 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 87 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 83Page - Semtech Corporation LLCC68 Datasheet HTML 84Page - Semtech Corporation LLCC68 Datasheet HTML 85Page - Semtech Corporation LLCC68 Datasheet HTML 86Page - Semtech Corporation LLCC68 Datasheet HTML 87Page - Semtech Corporation LLCC68 Datasheet HTML 88Page - Semtech Corporation LLCC68 Datasheet HTML 89Page - Semtech Corporation LLCC68 Datasheet HTML 90Page - Semtech Corporation LLCC68 Datasheet HTML 91Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
87 of 106
Semtech
www.semtech.com
When the byte headerType is at 0x00, the payload length, coding rate and the header CRC will be added to the LoRa®
header and transported to the receiver.
13.4.7 SetCadParams
The command SetCadConfig(...) defines the number of symbols on which CAD operates.
The number of symbols used is defined in the following table.
Table 13-68: LoRa® PacketParam4 - PayloadLength
Payloadlength
Description
0x00 to 0xFF
Size of the payload (in bytes) to transmit or maximum size of the
payload that the receiver can accept.
Table 13-69: LoRa® PacketParam5 - CRCType
CRCType
Description
0x00
CRC OFF
0x01
CRC ON
Table 13-70: LoRa® PacketParam6 - InvertIQ
AddrComp
Description
0x00
Standard IQ setup
0x01
Inverted IQ setup
Table 13-71: SetCadParams SPI Transaction
Byte
0
1
2
3
4
5-7
Data from
host
Opcode = 0x88
cadSymbolNum
cadDetPeak
cadDetMin
cadExitMode
cadTimeout(23:0)
Table 13-72: CAD Number of Symbol Definition
cadSymbolNum
Value
Number of Symbols used for CAD
CAD_ON_1_SYMB
0x00
1
CAD_ON_2_SYMB
0x01
2
CAD_ON_4_SYMB
0x02
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com